Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 24 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 20Page - Microchip Technology MEC1632 Datasheet HTML 21Page - Microchip Technology MEC1632 Datasheet HTML 22Page - Microchip Technology MEC1632 Datasheet HTML 23Page - Microchip Technology MEC1632 Datasheet HTML 24Page - Microchip Technology MEC1632 Datasheet HTML 25Page - Microchip Technology MEC1632 Datasheet HTML 26Page - Microchip Technology MEC1632 Datasheet HTML 27Page - Microchip Technology MEC1632 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 636 page
background image
MEC1632
DS00001592B-page 24
 2012-2018 Microchip Technology Inc.
3.5.9
GENERAL PURPOSE PASS-THROUGH PORTS INTERFACE
TABLE 3-14:
GPIO PASS-THROUGH PORTS
General Purpose Pass-Through Ports
(16 Pins)
Pin Ref. Number
Signal Name
Description
Notes
96
GPTP-IN0
General Purpose Pass Through Port Input 0
98
GPTP-IN1
General Purpose Pass Through Port Input 1
86
GPTP-IN2
General Purpose Pass Through Port Input 2
82
GPTP-IN3
General Purpose Pass Through Port Input 3
102
GPTP-IN4
General Purpose Pass Through Port Input 4
103
GPTP-IN5
General Purpose Pass Through Port Input 5
80
GPTP-IN6
General Purpose Pass Through Port Input 6
70
GPTP-IN7
General Purpose Pass Through Port Input 7
97
GPTP-OUT0
General Purpose Pass Through Port
Output 0
87
GPTP-OUT1
General Purpose Pass Through Port
Output 1
85
GPTP-OUT2
General Purpose Pass Through Port
Output 2
83
GPTP-OUT3
General Purpose Pass Through Port
Output 3
101
GPTP-OUT4
General Purpose Pass Through Port
Output 4
104
GPTP-OUT5
General Purpose Pass Through Port
Output 5
81
GPTP-OUT6
General Purpose Pass Through Port
Output 6
84
GPTP-OUT7
General Purpose Pass Through Port
Output 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com