Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 16 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 12Page - Microchip Technology MEC1632 Datasheet HTML 13Page - Microchip Technology MEC1632 Datasheet HTML 14Page - Microchip Technology MEC1632 Datasheet HTML 15Page - Microchip Technology MEC1632 Datasheet HTML 16Page - Microchip Technology MEC1632 Datasheet HTML 17Page - Microchip Technology MEC1632 Datasheet HTML 18Page - Microchip Technology MEC1632 Datasheet HTML 19Page - Microchip Technology MEC1632 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 636 page
background image
MEC1632
DS00001592B-page 16
 2012-2018 Microchip Technology Inc.
3.4.2
ALTERNATE FUNCTION PIN STATE THROUGH POWER TRANSITIONS
The power state and power state transitions illustrated in Table 3-3 are defined in Section 7.0, "Power, Clocks, and
Resets". Pin behavior in this table assumes that the EC programs alternate function pin state (see Section 3.6, "Pin
Multiplexing," on page 30).
TABLE 3-3:
Alternate Function Pin State Through Power Transitions
Signal
VBAT
applied
VBAT
STABLE
VTR
applied
nSYS
_RST de-
asserted
Note E
VCC_
PWRGD
asserted
VCC_
PWRGD
de-
asserted
nSYS_
RST
asserted
VTR un-
powered
VBAT un-
powered
Notes
nSMI
N/A
N/A
N/A
N/A
1>OD(P)>1
OD(1)
In
glitch
N/A
KBRST
N/A
N/A
N/A
N/A
1>OD(P)>1
ZZ>In
glitch
N/A
Note F
A20M
N/A
N/A
N/A
N/A
1>OD(P)>1
Z
Z
glitch
N/A
Note F
LPCPD#
N/A
N/A
N/A
N/A
In
Z
Z
glitch
N/A
Note F
Legend
Notes
Note E:
Z = Tristate
Note F:
(P) = I/O state is driven by protocol while
power is applied.
OD = Open Drain Output Undriven (1)
or driven (0)
Transition occurs due to EC selecting alternate function.
Pin is programmable by the EC and retains its value through a VTR power cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com