Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 42 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 38Page - Microchip Technology MEC1632 Datasheet HTML 39Page - Microchip Technology MEC1632 Datasheet HTML 40Page - Microchip Technology MEC1632 Datasheet HTML 41Page - Microchip Technology MEC1632 Datasheet HTML 42Page - Microchip Technology MEC1632 Datasheet HTML 43Page - Microchip Technology MEC1632 Datasheet HTML 44Page - Microchip Technology MEC1632 Datasheet HTML 45Page - Microchip Technology MEC1632 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 636 page
background image
MEC1632
DS00001592B-page 42
 2012-2018 Microchip Technology Inc.
TABLE 3-36:
MULTIPLEXING TABLE (11 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
81
Default: 0
GPIO015
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
81
1
GPTP-OUT6
(O/OD)-8T mA
VTR
VTR
81
2
PWM7
(O/OD)-8T mA
VTR
VTR
81
3
Reserved
Reserved
Reserved
Reserved
82
Default: 0
GPIO151
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
82
1
GPTP-IN3
I
VTR
VTR
Low
82
2
FAN_TACH4
I
VTR
VTR
Low
82
3
KSO15
(O/OD)-8T mA
VTR
VTR
83
Default: 0
GPIO152
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
83
1
GPTP-OUT3
(O/OD)-8T mA
VTR
VTR
83
2
FAN_TACH5
I
VTR
VTR
Low
83
3
KSO16
(O/OD)-8T mA
VTR
VTR
84
Default: 0
GPIO017
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
84
1
GPTP-OUT7
(O/OD)-8T mA
VTR
VTR
84
2
TOUT3
O-8T mA
VTR
VTR
84
3
KSI0
IS
VTR
VTR
Low
85
Default: 0
GPIO040
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
85
1
GPTP-OUT2
(O/OD)-8T mA
VTR
VTR
85
2
TOUT2
O-8T mA
VTR
VTR
85
3
KSO0
(O/OD)-8T mA
VTR
VTR
86
Default: 0
GPIO032
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
86
1
GPTP-IN2
I
VTR
VTR/VCC
Low
86
2
TOUT1
O-8T mA
VTR
VTR
86
3
KSI7
IS
VTR
VTR
Low
87
Default: 0
GPIO031
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
87
1
GPTP-OUT1
(O/OD)-8T mA
VTR
VTR/VCC
87
2
TOUT0
O-8T mA
VTR
VTR
87
3
KSI6
IS
VTR
VTR
Low
88
Default: 0
GPIO012
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
88
1
SMB07_DATA
IOD-8 mA
VTR
VTR/VCC
High
88
2
Reserved
Reserved
Reserved
Reserved
88
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com