Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 49 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 45Page - Microchip Technology MEC1632 Datasheet HTML 46Page - Microchip Technology MEC1632 Datasheet HTML 47Page - Microchip Technology MEC1632 Datasheet HTML 48Page - Microchip Technology MEC1632 Datasheet HTML 49Page - Microchip Technology MEC1632 Datasheet HTML 50Page - Microchip Technology MEC1632 Datasheet HTML 51Page - Microchip Technology MEC1632 Datasheet HTML 52Page - Microchip Technology MEC1632 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 49
MEC1632
TABLE 3-43:
MULTIPLEXING TABLE (18 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
137
Default: 0
GPIO142
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
137
1
SMB05_CLK
IOD-8 mA
VTR
VTR
High
137
2
PWM15
(O/OD)-8 mA
VTR
VTR
137
3
FLSOUT
(I/O/OD)-8 mA
VTR
VTR
Low
138
Default: 0
GPIO143
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
138
1
SMB04_DATA
IOD-8 mA
VTR
VTR
High
138
2
PWM12
(O/OD)-8 mA
VTR
VTR
138
3
FLSIN
(I/O/OD)-8 mA
VTR
VTR
Low
139
Default: 0
GPIO144
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
139
1
SMB04_CLK
IOD-8 mA
VTR
VTR
High
139
2
Reserved
Reserved
Reserved
Reserved
139
3
FLSCS#
O-8 mA
VTR
VTR
140
Default: 0
GPIO007
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
140
1
SMB03_DATA
IOD-12 mA
VTR
VTR
High
140
2
PS2_CLK0B
IOD-12 mA
VTR
VTR
Low
Note 6
140
3
Reserved
Reserved
Reserved
Reserved
141
Default: 0
GPIO010
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
141
1
SMB03_CLK
IOD-12 mA
VTR
VTR
High
141
2
PS2_DAT0B
IOD-12 mA
VTR
VTR
Low
Note 6
141
3
Reserved
Reserved
Reserved
Reserved
142
Default: 0
GPIO154
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
142
1
SMB02_DATA
IOD-12 mA
VTR
VTR
High
142
2
PS2_CLK1B
IOD-12 mA
VTR
VTR
Low
Note 6
142
3
Reserved
Reserved
Reserved
Reserved
143
Default: 0
GPIO155
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
143
1
SMB02_CLK
IOD-12 mA
VTR
VTR
High
143
2
PS2_DAT1B
IOD-12 mA
VTR
VTR
Low
Note 6
143
3
Reserved
Reserved
Reserved
Reserved
144
Default: 0
GPIO006
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
144
1
SMB01_CLK
IOD-8 mA
VTR
VTR
High
144
2
Reserved
Reserved
Reserved
Reserved
144
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com