Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 85 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 85 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 81Page - Microchip Technology MEC1632 Datasheet HTML 82Page - Microchip Technology MEC1632 Datasheet HTML 83Page - Microchip Technology MEC1632 Datasheet HTML 84Page - Microchip Technology MEC1632 Datasheet HTML 85Page - Microchip Technology MEC1632 Datasheet HTML 86Page - Microchip Technology MEC1632 Datasheet HTML 87Page - Microchip Technology MEC1632 Datasheet HTML 88Page - Microchip Technology MEC1632 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 85
MEC1632
Note 6-1
“Change” means either-edge change on any or all parallel IRQs routed to the Serial IRQ block. The
“change” detection logic must run asynchronously to the PCI Clock and regardless of the Serial IRQ
mode; i.e., “continuous” or “quiet”.
TABLE 6-3:
MEC1632 CLKRUN# FUNCTION
SIRQ_MODE
(
Bit[2] SerIRQ Mode
in
Device Mode
Register)
Internal Interrupt
Request
CLKRUN#
Action
0
X
X
None
1
NO CHANGE
X
None
CHANGE (Note 6-1)
0
None
1
Assert CLKRUN#
FIGURE 6-3:
CLKRUN# SYSTEM IMPLEMENTATION EXAMPLE
FIGURE 6-4:
CLOCK START ILLUSTRATION
Note:
• The signal “ANY CHANGE” is the same as “CHANGE” in Table 6-3.
• The MEC1632 must continually monitor the state of CLKRUN# to maintain the PCI Clock until an active “any IRQ
change” condition has been transferred to the host in a Serial IRQ cycle. For example, if “any IRQ change” is
asserted before CLKRUN# is de-asserted (not shown in Figure 6-4), the MEC1632 must assert CLKRUN# as
needed until the Serial IRQ cycle has completed.
CLKRUN#
PCICLK
Target
PCI CLOCK
GENERATOR
(Central Resource)
Master
MEC
DEVICE
PCI_CLK
nCLKRUN
SERIRQ MODE
(Bit 2 of GR24)
ANY CHANGE
nCLKRUN
DRIVEN BY MEC
DEVICE
MEC DEVICE
STOPS DRIVING
nCLKRUN (after two
rising edges of
PCI_CLK)
2 CLKS MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com