Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 50 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 46Page - Microchip Technology MEC1632 Datasheet HTML 47Page - Microchip Technology MEC1632 Datasheet HTML 48Page - Microchip Technology MEC1632 Datasheet HTML 49Page - Microchip Technology MEC1632 Datasheet HTML 50Page - Microchip Technology MEC1632 Datasheet HTML 51Page - Microchip Technology MEC1632 Datasheet HTML 52Page - Microchip Technology MEC1632 Datasheet HTML 53Page - Microchip Technology MEC1632 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 636 page
background image
MEC1632
DS00001592B-page 50
 2012-2018 Microchip Technology Inc.
TABLE 3-44:
MULTIPLEXING TABLE (19 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
145
Default: 0
GPIO005
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
145
1
SMB01_DATA
IOD-8 mA
VTR
VTR
High
145
2
Reserved
Reserved
Reserved
Reserved
145
3
Reserved
Reserved
Reserved
Reserved
146
Default: 0
GPIO004
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
146
1
SMB00_CLK
IOD-8 mA
VTR
VTR
High
146
2
Reserved
Reserved
Reserved
Reserved
146
3
Reserved
Reserved
Reserved
Reserved
147
Default: 0
GPIO003
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
147
1
SMB00_DATA
IOD-8 mA
VTR
VTR
High
147
2
Reserved
Reserved
Reserved
Reserved
147
3
Reserved
Reserved
Reserved
Reserved
148
Default: 0
GPIO022
(I/O/OD)-16 mA
VTR
VTR/VCC
No Gate
148
1
BCM_B_CLK
O-16 mA
VTR
VTR
148
2
Reserved
Reserved
Reserved
Reserved
148
3
Reserved
Reserved
Reserved
Reserved
149
Default: 0
GPIO023
(I/O/OD)-16 mA
VTR
VTR/VCC
No Gate
149
1
BCM_B_DAT
IO-16 mA
VTR
VTR
Low
Note 3
149
2
Reserved
Reserved
Reserved
Reserved
149
3
Reserved
Reserved
Reserved
Reserved
150
Default: 0
GPIO024
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
150
1
BCM_B_INT#
IO-8T mA
VTR
VTR
Low
150
2
Reserved
Reserved
Reserved
Reserved
150
3
Reserved
Reserved
Reserved
Reserved
151
Default: 0
GPIO127
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
151
1
A20M
O-8T mA
VTR
VTR
151
2
Reserved
Reserved
Reserved
Reserved
151
3
Reserved
Reserved
Reserved
Reserved
152
Default: 0
GPIO034
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
152
1
CEC_OUT
(O/OD)-8 mA
VTR
VTR
152
2
Reserved
Reserved
Reserved
Reserved
152
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com