Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 72 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 72 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 68Page - Microchip Technology MEC1632 Datasheet HTML 69Page - Microchip Technology MEC1632 Datasheet HTML 70Page - Microchip Technology MEC1632 Datasheet HTML 71Page - Microchip Technology MEC1632 Datasheet HTML 72Page - Microchip Technology MEC1632 Datasheet HTML 73Page - Microchip Technology MEC1632 Datasheet HTML 74Page - Microchip Technology MEC1632 Datasheet HTML 75Page - Microchip Technology MEC1632 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 636 page
background image
MEC1632
DS00001592B-page 72
 2012-2018 Microchip Technology Inc.
5.7.1
SERIRQ CONFIGURATION REGISTERS
Note 5-4
The SIRQ Interrupt Configuration Registers are through the Host Access Port as 8-bit accesses. The
EC can access the SIRQ Interrupt Configuration Registers as 32-bit, 16-bit across 8-bit boundary or
as individual 8-bit accesses.
FRAME
These six bits select the Logical Device as the source for the interrupt.
This field defaults to 3Fh.
SELECT
If this bit is 0, the first interrupt signal from the Logical Device is selected for the SERIRQ vector. If this bit is 1, the second
interrupt signal from the Logical Device is selected. The KYBD controller is the only Logical Devices on the MEC1632
which has a second interrupt signal. For all other Logical Devices this field is ignored.
This field defaults to 1.
TABLE 5-9:
SIRQ INTERRUPT CONFIGURATION REGISTER MAP
Address
Type
Reset
Configuration Register Name
FF_3340h
R/W
FFh
IRQ0
FF_3341h
R/W
FFh
IRQ1
FF_3342h
R/W
FFh
IRQ2 (nSMI)
FF_3343h
R/W
FFh
IRQ3
FF_3344h
R/W
FFh
IRQ4
FF_3345h
R/W
FFh
IRQ5
FF_3346h
R/W
FFh
IRQ6
FF_3347h
R/W
FFh
IRQ7
FF_3348h
R/W
FFh
IRQ8
FF_3349h
R/W
FFh
IRQ9
FF_334Ah
R/W
FFh
IRQ10
FF_334Bh
R/W
FFh
IRQ11
FF_334Ch
R/W
FFh
IRQ12
FF_334Dh
R/W
FFh
IRQ13
FF_334Eh
R/W
FFh
IRQ14
FF_334Fh
R/W
FFh
IRQ15
TABLE 5-10:
SIRQ INTERRUPT CONFIGURATION REGISTER FORMAT
BYTE0 BIT
D7
D6
D5D4
D3D2D1D0
BIT NAME
Select
Reserved
Frame
Note:
The LPC Logical Device (Logical Device Number 0Ch) can be used by the Embedded Controller to gener-
ate a Serial Interrupt Request to the Host under software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com