Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 33 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 29Page - Microchip Technology MEC1632 Datasheet HTML 30Page - Microchip Technology MEC1632 Datasheet HTML 31Page - Microchip Technology MEC1632 Datasheet HTML 32Page - Microchip Technology MEC1632 Datasheet HTML 33Page - Microchip Technology MEC1632 Datasheet HTML 34Page - Microchip Technology MEC1632 Datasheet HTML 35Page - Microchip Technology MEC1632 Datasheet HTML 36Page - Microchip Technology MEC1632 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 33
MEC1632
TABLE 3-27:
MULTIPLEXING TABLE (2 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
9
Default: 0
GPIO174
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
Note 10
9
1
Reserved
Reserved
Reserved
Reserved
9
2
Reserved
Reserved
Reserved
Reserved
9
3
Reserved
Reserved
Reserved
Reserved
10
Default: 0
VCI_OUT
O-8 mA
VBAT
VBAT
No Gate
10
1
Reserved
Reserved
Reserved
Reserved
10
2
Reserved
Reserved
Reserved
Reserved
10
3
Reserved
Reserved
Reserved
Reserved
11
0
GPIO161
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
11
Default: 1
VCI_IN2#
IS
VBAT
VBAT
Low
11
2
Reserved
Reserved
Reserved
Reserved
11
3
Reserved
Reserved
Reserved
Reserved
12
0
GPIO162
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
12
Default: 1
VCI_IN1#
IS
VBAT
VBAT
Low
12
2
Reserved
Reserved
Reserved
Reserved
12
3
Reserved
Reserved
Reserved
Reserved
13
0
GPIO163
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
13
Default: 1
VCI_IN0#
IS
VBAT
VBAT
Low
13
2
Reserved
Reserved
Reserved
Reserved
13
3
Reserved
Reserved
Reserved
Reserved
14
0
GPIO164
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
14
Default: 1
VCI_OVRD_IN
IS
VBAT
VBAT
Low
14
2
Reserved
Reserved
Reserved
Reserved
14
3
Reserved
Reserved
Reserved
Reserved
15
0
GPIO000
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
15
Default: 1
VCI_IN3#
IS
VBAT
VBAT
Low
15
2
Reserved
Reserved
Reserved
Reserved
15
3
Reserved
Reserved
Reserved
Reserved
16
0
GPIO234
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
16
Default: 1
VCI_IN4#
IS
VBAT
VBAT
Low
16
2
Reserved
Reserved
Reserved
Reserved
16
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com