Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 65 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 61Page - Microchip Technology MEC1632 Datasheet HTML 62Page - Microchip Technology MEC1632 Datasheet HTML 63Page - Microchip Technology MEC1632 Datasheet HTML 64Page - Microchip Technology MEC1632 Datasheet HTML 65Page - Microchip Technology MEC1632 Datasheet HTML 66Page - Microchip Technology MEC1632 Datasheet HTML 67Page - Microchip Technology MEC1632 Datasheet HTML 68Page - Microchip Technology MEC1632 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 65
MEC1632
5.5
Configuration Registers
5.5.1
HOST ACCESS PORT
The Host can access Configuration Registers through a port described in Section 5.5.2, on page 65. Host accesses
are limited to 8 bits. There are 48 8-bit Global Configuration Registers (at offsets 00h through 2Fh), plus up to 208 8-bit
registers associated with each Logical Device. The Logical Device is selected with the Logical Device Number Register
(Global Configuration Register 07h). The INDEX PORT is used to select a specific logical device register. These regis-
ters are then accessed through the DATA PORT. The Logical Device registers are accessible only when the device is
in the Configuration State.
Only two states are defined (Run and Configuration). In the Run State, the chip will always be ready to enter the Con-
figuration State.
The desired configuration registers are accessed in two steps:
a) Write the index of the Logical Device Number Configuration Register (i.e., 07h) to the INDEX PORT and then
write the number of the desired logical device to the DATA PORT
b) Write the address of the desired configuration register within the logical device to the INDEX PORT and then write
or read the configuration register through the DATA PORT.
5.5.2
PRIMARY CONFIGURATION ADDRESS DECODER
The logical are configured through three Configuration Access Ports (CONFIG, INDEX and DATA). The BIOS uses
these ports to initialize the logical devices at POST (Table 5-4).
The Base Address of the Configuration Access Ports is determined by the BAR that corresponds to Logical Device Ch,
the LPC Interface. This is the first BAR in the table, at AHB address
FF_3360h. The Configuration Access Port
BAR is unique in that an LPC I/O access that matches this BAR does not directly generate an AHB read or
write. Instead, the Device and Frame values in the BAR indicates that the LPC I/O should be handled locally
in the LPC Logical Device. The Configuration map will issue an AHB read or write, the results of which will
be used to complete the LPC access.
5.5.2.1
Entering the Configuration State
The INDEX and DATA ports are effective only when the chip is in the Configuration State. The device enters the Con-
figuration State when the Config Entry Key is successfully written to the CONFIG PORT.
Config Entry Key = < 55h>
5.5.2.2
Exiting the Configuration State
The device exits the Configuration State when the following Config Exit Key is successfully written to the CONFIG PORT
address.
Config Exit Key = < AAh>
5.5.2.3
Read Accessing Configuration Port
The data read from the Configuration Port is undefined when not in the Configuration State. Writing the Config Entry
Key puts the chip in the Configuration State. Once in the Configuration State, reading the Configuration Port will return
the last value written to the Configuration Index. If no value was written the Configuration Port reads 00h.
Note:
• If accessing the Global Configuration Registers, step (a) is not required.
• Any write to an undefined or reserved Configuration register is terminated normally on the LPC bus without any
modification of state in the MEC1632. Any read to an undefined or reserved Configuration register returns FFh.
TABLE 5-4:
MEC1632 CONFIGURATION ACCESS PORTS
Port Name
Relative Address
Type
Port Name
CONFIG PORT
Configuration Access Ports Base Address + 0
Write
CONFIG PORT
INDEX PORT
Configuration Access Ports Base Address + 0
Read/Write
INDEX PORT
DATA PORT
Configuration Access Ports Base Address + 1
DATA PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com