Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 81 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 81 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 77Page - Microchip Technology MEC1632 Datasheet HTML 78Page - Microchip Technology MEC1632 Datasheet HTML 79Page - Microchip Technology MEC1632 Datasheet HTML 80Page - Microchip Technology MEC1632 Datasheet HTML 81Page - Microchip Technology MEC1632 Datasheet HTML 82Page - Microchip Technology MEC1632 Datasheet HTML 83Page - Microchip Technology MEC1632 Datasheet HTML 84Page - Microchip Technology MEC1632 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 81
MEC1632
6.2
Power, Clocks and Resets
6.2.1
POWER DOMAIN
This block is powered by VTR. Although the block is not powered by VCC, the block is also controlled by VCC_PWRGD.
When VCC_PWRGD is de-asserted, the LPC bus pins are placed in the same state they assume when VTR is off.
LAD[3:0] and SERIRQ are tri-stated, CLKRUN# is unpowered and LFRAME#, LRESET# and LPCPD# are gated high;
see Table 6-2, “LPC Bus Pin Behavior on Reset,” on page 83.The LPC block is also placed in a minimal power state.
See Section 7.1.1, "Power Configuration," on page 95 for details on power domains.
6.2.2
CLOCKS
LPC Logical Device Configuration Registers and LPC Logical Device EC-only Registers in this block are clocked by the
LPC Bus Clock. The LPC interface itself is clocked by the PCI_CLK clock input.
The clock rate of the LPC Bus Clock runs at the MCLK rate.
See Section 7.4, "Clock Generator," on page 98 for details on clocks.
6.2.3
RESETS
This block is affected by nSYS_RST, VCC Power Good and LPC RESET.
The assertion of nSYS_RST resets the LPC state machine and all registers to their default values. The AHB Master
state machine is also reset to its default value.
VCC Power Good going low resets the LPC state machine. The AHB Master interface that is part of the Host Interface
will go to its idle state. Any transaction that is active on the AHB Master when the VCC POR occurs will be terminated
in such a way that the AHB subsystem will not be locked up.
The assertion of LPC RESET# resets the LPC state machine but does not otherwise affect register values. An interrupt
to the EC will be generated on either edge of LRESET#. See Section 6.5, "Host Interrupts to EC," on page 84.
See Section 7.6, "Reset Interface," on page 124 for details on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com