Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 44 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 40Page - Microchip Technology MEC1632 Datasheet HTML 41Page - Microchip Technology MEC1632 Datasheet HTML 42Page - Microchip Technology MEC1632 Datasheet HTML 43Page - Microchip Technology MEC1632 Datasheet HTML 44Page - Microchip Technology MEC1632 Datasheet HTML 45Page - Microchip Technology MEC1632 Datasheet HTML 46Page - Microchip Technology MEC1632 Datasheet HTML 47Page - Microchip Technology MEC1632 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 636 page
background image
MEC1632
DS00001592B-page 44
 2012-2018 Microchip Technology Inc.
TABLE 3-38:
MULTIPLEXING TABLE (13 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
97
Default: 0
GPIO027
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
97
1
GPTP-OUT0
(O/OD)-8T mA
VTR
VTR
97
2
TIN2
I
VTR
VTR
Low
97
3
KSI4
IS
VTR
VTR
Low
98
Default: 0
GPIO030
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
98
1
GPTP-IN1
I
VTR
VTR
Low
98
2
TIN3
I
VTR
VTR
Low
98
3
KSI5
IS
VTR
VTR
Low
99
Default: 0
GPIO107
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
99
1
KSO4
(O/OD)-8T mA
VTR
VTR
99
2
Reserved
Reserved
Reserved
Reserved
99
3
Reserved
Reserved
Reserved
Reserved
100
Default: 0
GPIO120
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
100
1
KSO7
(O/OD)-8T mA
VTR
VTR
100
2
Reserved
Reserved
Reserved
Reserved
100
3
Reserved
Reserved
Reserved
Reserved
101
Default: 0
GPIO124
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
101
1
GPTP-OUT4
(O/OD)-8T mA
VTR
VTR/VCC
101
2
KSO11
(O/OD)-8T mA
VTR
VTR
101
3
Reserved
Reserved
Reserved
Reserved
102
Default: 0
GPIO125
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
102
1
GPTP-IN4
I
VTR
VTR/VCC
Low
102
2
KSO12
(O/OD)-8T mA
VTR
VTR
102
3
Reserved
Reserved
Reserved
Reserved
103
Default: 0
GPIO110
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
103
1
PS2_CLK2
IOD-12 mA
VTR
VTR/VCC
Low
103
2
GPTP-IN5
I
VTR
VTR
Low
103
3
Reserved
Reserved
Reserved
Reserved
104
Default: 0
GPIO111
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
104
1
PS2_DAT2
IOD-12 mA
VTR
VTR/VCC
Low
104
2
GPTP-OUT5
(O/OD)-12 mA
VTR
VTR
104
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com