Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 79 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 79 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 75Page - Microchip Technology MEC1632 Datasheet HTML 76Page - Microchip Technology MEC1632 Datasheet HTML 77Page - Microchip Technology MEC1632 Datasheet HTML 78Page - Microchip Technology MEC1632 Datasheet HTML 79Page - Microchip Technology MEC1632 Datasheet HTML 80Page - Microchip Technology MEC1632 Datasheet HTML 81Page - Microchip Technology MEC1632 Datasheet HTML 82Page - Microchip Technology MEC1632 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 79
MEC1632
6.0
HOST INTERFACE
6.1
General Description
6.1.1
OVERVIEW
The host processor communicates with the MEC1632 via the LPC Bus Interface. The host processor communicates
through a series of read/write registers in the MEC1632. Register access is accomplished through programmed I/O
cycles. All I/O transfer cycles are 8 bits wide.
The Logical Devices physically located in the MEC1632 are identified in Table 4-2, “Host Logical Devices in the
MEC1632,” on page 59 and Table 5-1, “Logical Devices,” on page 63. The base addresses of logical devices with reg-
isters located in LPC I/O space, including the Keyboard Controller, can be moved via the configuration registers located
in the LPC Interface Configuration Register Space.
All configuration register access for the MEC1632 are accessed indirectly through the LPC I/O Configuration Register
Port (IOCR-Port.) The default I/O address is 2Eh and 2Fh, but the IOCR-Port can be relocated by either the host or the
EC. The relocation value can be stored in the BAR Init Register so that the updated IOCR-Port address is used when
the main power rail cycles. Detailed description of the MEC1632 Configuration Space is in Section 5.0, "Logical Device
Configuration," on page 63.
All LPC transactions that are claimed by the MEC1632 are mapped by the LPC interface to an address in the
MEC1632’s AHB address space. All these addresses can also be accessed by the Embedded Controller in the
MEC1632.
TABLE 6-1:
TARGETS OF LBC CYCLES CLAIMED BY THE MEC1632
Target
Acronym
Description
LPC Type
LPC IO Configuration Register Port
IOCR-Port
Standard LPC 2Eh/2Fh Port which per-
mits BIOS access. This port can be
relocated by the ARC.
I/O
Logical Devices
LD
Targets physically located in the
MEC1632.
The Keyboard Controller Interface
uses a Port at 60h/64h
I/O
Configuration Register
CR
256 byte space per Logical Device
accessed by BIOS through the IOCR-
Port.
I/O through CR-
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com