Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 98 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 98 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 94Page - Microchip Technology MEC1632 Datasheet HTML 95Page - Microchip Technology MEC1632 Datasheet HTML 96Page - Microchip Technology MEC1632 Datasheet HTML 97Page - Microchip Technology MEC1632 Datasheet HTML 98Page - Microchip Technology MEC1632 Datasheet HTML 99Page - Microchip Technology MEC1632 Datasheet HTML 100Page - Microchip Technology MEC1632 Datasheet HTML 101Page - Microchip Technology MEC1632 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 636 page
background image
MEC1632
DS00001592B-page 98
 2012-2018 Microchip Technology Inc.
7.4
Clock Generator
7.4.1
OVERVIEW
The MEC1632 Clock Generator includes clock sources as illustrated in Figure 7-1, "Clock Generator Block Diagram":
the 20 MHz Oscillator and 32K Clock Domain, as well as the PCI Clock (PCI_CLK in Table 7-4). The relationship of
these clock sources to the system power supplies is described in Section 7.4.2, "Power Supplies and Clocking," on
page 99; their relationship to the ACPI power states is described in Section 7.5.1, "Power Supplies and Clocks ACPI
Context," on page 121.
MCLK Sourced Clocking includes Programmable Clock Domains, a Fixed Clock Domain and a Host Clock
Domain. The output from the 32.768 KHz Silicon Oscillator, or 32.768 KHz Crystal Oscillator or a 32 KHz external input
clock defines a 32K Clock Domain.
The Clock Generator also includes the definition of a Generic Block Clocking Model that provides the foundation for a
Power Management Interface. This interface defines several EC Controlled Dynamic Power States that can influence
power consumption at the block level and within the Clock Generator.
The Clock Generator includes an EC accessible Registers Interface.
RESETI#
Input
External
RESET Pin Inter-
face
See Section 7.6.3, "RESET Pin Inter-
face," on page 126.
AVTRGD
Output
Internal
VBAT-Powered
Control Interface
Delayed ALLGD signal in FIGURE 7-18:
Reset Interface Block Diagram on
page 125.
TABLE 7-4:
Power, Clocks, and Resets Port List (CONTINUED)
Signal Name
Direction
Source
Destination
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com