Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 35 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 31Page - Microchip Technology MEC1632 Datasheet HTML 32Page - Microchip Technology MEC1632 Datasheet HTML 33Page - Microchip Technology MEC1632 Datasheet HTML 34Page - Microchip Technology MEC1632 Datasheet HTML 35Page - Microchip Technology MEC1632 Datasheet HTML 36Page - Microchip Technology MEC1632 Datasheet HTML 37Page - Microchip Technology MEC1632 Datasheet HTML 38Page - Microchip Technology MEC1632 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 35
MEC1632
TABLE 3-29:
MULTIPLEXING TABLE (4 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
25
Default: 0
GPIO033
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
25
1
RC_ID
I_AN-OD12 mA
VTR
VTR
Low
25
2
Reserved
Reserved
Reserved
Reserved
25
3
Reserved
Reserved
Reserved
Reserved
26
Default: 0
GPIO021
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
26
1
KSI2
IS
VTR
VTR
Low
26
2
Reserved
Reserved
Reserved
Reserved
26
3
Reserved
Reserved
Reserved
Reserved
27
VTR_REG
PWR
PWR
PWR
27
27
27
28
VR_CAP
PWR
PWR
PWR
28
28
28
29
Default: 0
GPIO060
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
29
1
KBRST
OD-8T mA
VTR
VCC
29
2
Reserved
Reserved
Reserved
Reserved
29
3
Reserved
Reserved
Reserved
Reserved
30
Default: 0
GPIO166
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
30
1
Reserved
Reserved
Reserved
Reserved
30
2
Reserved
Reserved
Reserved
Reserved
30
3
Reserved
Reserved
Reserved
Reserved
31
AVTR_ADC
PWR
PWR
PWR
31
31
31
32
0
GPIO200
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
32
Default: 1
ADC0
I_AN
AVTR_ADC
AVTR_ADC
Low
32
2
Reserved
Reserved
Reserved
Reserved
32
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com