Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 97 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 97 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 93Page - Microchip Technology MEC1632 Datasheet HTML 94Page - Microchip Technology MEC1632 Datasheet HTML 95Page - Microchip Technology MEC1632 Datasheet HTML 96Page - Microchip Technology MEC1632 Datasheet HTML 97Page - Microchip Technology MEC1632 Datasheet HTML 98Page - Microchip Technology MEC1632 Datasheet HTML 99Page - Microchip Technology MEC1632 Datasheet HTML 100Page - Microchip Technology MEC1632 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 97
MEC1632
32KHZ_OUT
Output
Internal
External
Off-Chip 32.768KHz Oscillator Output
(see "32KHz OUTPUT," on page 135).
ALL BLOCK
“CLOCK
REQUIRED” STA-
TUS BITS
Input
External -
Sleep-able
Blocks
Internal - 20 MHz
Oscillator Control
see Section 7.8.5, "Clock Required Sta-
tus Registers," on page 140.
nSIO_RESET
Output
Internal
Internal/ External
EC-driven SIO Reset and External Sys-
tem Reset (nRESET_OUT pin). (see
"iRESET OUT," on page 133).
VCC_PWRGD
Input
External
Internal -Host
Clock Domain
VCC Power Good Input. See Section
7.4.11.4, "Host Clock Domain," on
page 120 and Section 7.7.2, "VCC
Power Good," on page 129. The EC
can determine the state of the VCC_P-
WRGD signal using VCC PWRGD bit in
the Block Sleep Enable Registers. See
also Section 7.7.3, "LPC RESET," on
page 129.
VCC_PWRG-
D_BUFF
Output
Internal
External - Pad
Buffers
Buffered VCC_PWRGD output used to
tri-state VCC-related Pads.
PCR_INT
Output
Internal
External ("EC
Interrupt Aggrega-
tor," on page 287)
see Section 7.10, "Interrupt Interface,"
on page 150.
FLASH_PGM
Input
External
Internal - Power-
Fail and Reset
Status Register
see "FLASH," on page 148.
LPC_RST#
Output
Internal
External (LPC
Interface)
see Section 7.7.3, "LPC RESET," on
page 129.
VTR
Power Well
External
–
Suspend Supply
VBAT
Power Well
External
–
Battery Supply
VSS
Power Well
External
–
Digital Ground
AGND
Power Well
External
–
Analog Ground for the 32.768 KHz Sili-
con Oscillator.
VTR_1.8
Power Well
Internal
–
Output of the internal 1.8 V regulator
(see Section 7.7, "1.8V Regulator," on
page 128).
VTR1.8_BAT
Power Well
Internal
–
Output of the internal Power Mux for
VBAT-backed logic (see Section 7.7.1,
"Power Mux," on page 129).
nSYS_RST
Output
Internal
Internal/ External
Synchronized VTR Power Good (Sec-
tion 7.6.6, "nSYS_RST," on page 128).
nEC_RST
Output
Internal
Internal/ External
Stretched nSYS_RST used for EC reset
and Registers Interface (see Section
7.6, "Reset Interface," on page 124).
VBAT_POR
Output
Internal
Internal/ External
VBAT Power On Reset (Section 7.6.5,
"VBAT_POR," on page 128)
VR_CAP
Power Well
Internal
–
Capacitor Connection for Internal
Voltage Regulator (4.7
F ±20%, ESR 2
Ohms, max.) (see also Section 7.7,
"1.8V Regulator," on page 128).
TABLE 7-4:
Power, Clocks, and Resets Port List (CONTINUED)
Signal Name
Direction
Source
Destination
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com