Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 74 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 74 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 70Page - Microchip Technology MEC1632 Datasheet HTML 71Page - Microchip Technology MEC1632 Datasheet HTML 72Page - Microchip Technology MEC1632 Datasheet HTML 73Page - Microchip Technology MEC1632 Datasheet HTML 74Page - Microchip Technology MEC1632 Datasheet HTML 75Page - Microchip Technology MEC1632 Datasheet HTML 76Page - Microchip Technology MEC1632 Datasheet HTML 77Page - Microchip Technology MEC1632 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 636 page
background image
MEC1632
DS00001592B-page 74
 2012-2018 Microchip Technology Inc.
5.9
Logical Device Configuration/Control Registers
A separate set of control and configuration registers exist for each Logical Device and is selected with the Logical Device
# Register (07h). The Logical Devices are listed in Table 5-1, “Logical Devices,” on page 63, and the registers within
each Logical Device are listed in Section 5.9.2, on page 74.
5.9.1
LOGICAL DEVICE ACTIVATION
Many Logical Devices have a register, called Activate, that is used to activate the Logical Device. When a Logical Device
is inactive, it is powered down and will not respond to an AHB request. The format for the Activate Register is shown in
Table 5-12, "Activate Register". The Activate Register for the LPC Logical Device is shown in Table 6-6, “Activate Reg-
ister,” on page 89.
ACTIVATE
When this bit is 1, the logical device is powered and functional. When this bit is 0, the logical device is powered down
and inactive.
5.9.2
CONFIGURATION REGISTER MAP
The MEC1632 Configuration register map is shown in Table 5-14, "MEC1632 Configuration Register Map". Logical
Device numbers are in hexadecimal. All Logical Devices are accessible by both the Host and the EC. Logical Devices
values between 00h and 3Fh are defined for the MEC1632; however some are reserved.
The EC has access to all Configuration Registers and all Global Control registers directly on the AHB bus. The address
of a Global Control register is FF FF00h+offset, where offset is the offset listed in Column 2 of Table 5-15, "Chip-Level
(Global) Control/Configuration Registers". The other Configuration Registers are accessible at the INDEX (Table 5-14,
Column 1) plus the AHB Address Base (Table 5-13, "Configuration Register AHB Mapping", Column 2). LDN is the Log-
ical Device Number.
TABLE 5-12:
ACTIVATE REGISTER
HOST OFFSET
BYTE0: 30h
8-bit HOST SIZE
EC OFFSET
Frame offset 330h
8-bit EC SIZE
POWER
VTR
00b nSYS_RST DEFAULT
BUS
LPC SPB
BYTE0 BIT
D7
D6D5
D4D3D2
D1
D0
HOST TYPE
R
RRRRR
R
R/W
EC TYPE
R
RRRRR
R
R/W
BIT NAME
Reserved
Activate
Note:
The Global Configuration Registers are the first 48 bytes of the configuration space Logical Device 3Fh.
TABLE 5-13:
CONFIGURATION REGISTER AHB MAPPING
Logical Device Range
AHB Address Base
00h - 3Fh
FF_0300h + (LDN << 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com