Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 59 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 55Page - Microchip Technology MEC1632 Datasheet HTML 56Page - Microchip Technology MEC1632 Datasheet HTML 57Page - Microchip Technology MEC1632 Datasheet HTML 58Page - Microchip Technology MEC1632 Datasheet HTML 59Page - Microchip Technology MEC1632 Datasheet HTML 60Page - Microchip Technology MEC1632 Datasheet HTML 61Page - Microchip Technology MEC1632 Datasheet HTML 62Page - Microchip Technology MEC1632 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 59
MEC1632
4.3.2
AHB ADDRESS SPACE
The components on the AHB subsystem and the two SPB bridges define a set of addresses that are accessible by the
EC. This address space is shown in Table 4-1, "MEC1632 Peripheral Address Space". As shown in the table, the Host
can access much of the address space, but not all.
The address range of FD_0000h through FE_FFFFh is reserved in MEC1632.
The 64KB address space of an SPB Bridge is divided into 1KB Frames. Peripherals are grouped into Logical Devices;
each Logical Device corresponds to a 1KB Frame. Logical Devices addressable by the Host are listed in Table 4-2,
"Host Logical Devices in the MEC1632". Logical device numbers not listed in Table 4-2 are reserved.
The 1KB Address Frame of a Host Logical Device is divided into four subregions, as described in Section 4.4.2,
"Address Framing," on page 61.
The 64KB address space of the ARC-only SPB Bridge is divided into 1KB Frames. Peripherals are grouped into Logical
Devices; each Logical Device corresponds to a 1KB Frame. These EC Logical Devices addressable by the ARC-only
are listed in Table 4-3, "EC Logical Devices on MEC1632". Multiple instantiations of the same block are in a single 1KB
Frame. Each instantiation is separated by 128 bytes.
TABLE 4-1:
MEC1632 PERIPHERAL ADDRESS SPACE
Address Range
Device
Accessible
by EC
Accessible
by Host
F0_0000h - F0_FFFFh
ARC-only
SPB Bridge
Yes
No
FD_0000h - FE_FFFFh
Reserved
No
No
FF_0000h -
FF_BFFFh and
FF_D000h -
FF_FFFFh
LPC
SPB Bridge
Yes
Yes
(limited by LPC interface
map)
TABLE 4-2:
HOST LOGICAL DEVICES IN THE MEC1632
Logical Device
Number
Logical Devices
AHB Address
of Frame
Runtime
Registers
Configuration
Registers
EC-only
Registers
0h
Mailbox Interface
FF_0000h
yes
yes
yes
1h
Keyboard Controller
(8042)
FF_0400h
yes
yes
no
2h
ACPI EC Channel 0
FF_0800h
yes
yes
no
3h
ACPI EC Channel 1
FF_0C00h
yes
yes
no
4h
ACPI EC Channel 2
FF_1000h
yes
yes
no
5h
ACPI EC Channel 3
FF_1400h
yes
yes
no
6h
ACPI PM1
FF_1800h
yes
yes
no
7h
UART
FF_1C00h
yes
yes
no
8h
Legacy (Fast KB)
FF_2000h
yes
yes
no
Ch
LPC Interface
FF_3000h
no
yes
yes
Dh
Reserved
FF_3400h
no
yes
no
Eh
Embedded Flash Inter-
face
FF_3800h
yes
yes
yes
Fh
Flash SPI
FF_3C00h
yes
yes
no
10h
EM Interface
FF_4000h
yes
yes
yes
11h
Real Time Clock
FF_4400h
yes
no
yes
20h
BIOS Debug Port 0
FF_8000h
yes
yes
no
21h
BIOS Debug Port 1
FF_8400h
yes
yes
yes
3Fh
Global Configuration
FF_FC00h
no
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com