Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 21 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 17Page - Microchip Technology MEC1632 Datasheet HTML 18Page - Microchip Technology MEC1632 Datasheet HTML 19Page - Microchip Technology MEC1632 Datasheet HTML 20Page - Microchip Technology MEC1632 Datasheet HTML 21Page - Microchip Technology MEC1632 Datasheet HTML 22Page - Microchip Technology MEC1632 Datasheet HTML 23Page - Microchip Technology MEC1632 Datasheet HTML 24Page - Microchip Technology MEC1632 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 21
MEC1632
Note 3-3
For ribbon cable applications, the Low Speed BC-Link Master maximum clock frequency is 3
MHz. The High Speed BC-Link Master maximum clock frequency is 20.27 MHz. The clock
frequency is set with the BC Clock Select. register.
Note 3-4
the BCM DAT pins require a weak pull up resistor (100 K Ohms).
3.5.4
JTAG INTERFACE
TABLE 3-9:
JTAG INTERFACE
3.5.5
MASTER CLOCK INTERFACE
TABLE 3-10:
MASTER CLOCK INTERFACE
JTAG Interface
(5 Pins)
Pin Ref. Number
Signal Name
Description
Notes
131
JTAG_CLK
JTAG Test Clock
133
JTAG_RST#
JTAG Test Reset (active low)
Note 14
129
JTAG_TDI
JTAG Test Data In
130
JTAG_TDO
JTAG Test Data Out
132
JTAG_TMS
JTAG Test Mode Select
Master Clock Interface
(4 Pins)
Pin Ref. Number
Signal Name
Description
Notes
1
32KHZ_IN
32.768 KHz Digital Input
165
32KHZ_OUT
32.768 KHz Digital Output
167
XTAL1
32.768 KHz Crystal Input
168
XTAL2
32.768 KHz Crystal Output (single-ended
32.768 kHz clock input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com