Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 87 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 87 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 83Page - Microchip Technology MEC1632 Datasheet HTML 84Page - Microchip Technology MEC1632 Datasheet HTML 85Page - Microchip Technology MEC1632 Datasheet HTML 86Page - Microchip Technology MEC1632 Datasheet HTML 87Page - Microchip Technology MEC1632 Datasheet HTML 88Page - Microchip Technology MEC1632 Datasheet HTML 89Page - Microchip Technology MEC1632 Datasheet HTML 90Page - Microchip Technology MEC1632 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 87
MEC1632
6.8.1
SERIRQ MODE BIT FUNCTION
6.8.1.1
IRQSER Cycle Control
There are two modes of operation for the IRQSER Start Frame.
Quiet (Active) Mode
Any device may initiate a Start Frame by driving the IRQSER low for one clock, while the IRQSER is Idle. After driving
low for one clock, the IRQSER must immediately be tri-stated without at any time driving high. A Start Frame may not
be initiated while the IRQSER is active. The IRQSER is Idle between Stop and Start Frames. The IRQSER is active
between Start and Stop Frames. This mode of operation allows the IRQSER to be Idle when there are no IRQ/Data
transitions which should be most of the time.
Once a Start Frame has been initiated, the host controller will take over driving the IRQSER low in the next clock and
will continue driving the IRQSER low for a programmable period of three to seven clocks. This makes a total low pulse
width of four to eight clocks. Finally, the host controller will drive the IRQSER back high for one clock then tri-state.
Any IRQSER Device (i.e., The MEC1632) which detects any transition on an IRQ/Data line for which it is responsible
must initiate a Start Frame in order to update the host controller unless the IRQSER is already in an IRQSER Cycle and
the IRQ/Data transition can be delivered in that IRQSER Cycle.
Continuous (Idle) Mode
Only the Host controller can initiate a Start Frame to update IRQ/Data line information. All other IRQSER agents become
passive and may not initiate a Start Frame. IRQSER will be driven low for four to eight clocks by host controller. This
mode has two functions. It can be used to stop or idle the IRQSER or the host controller can operate IRQSER in a con-
tinuous mode by initiating a Start Frame at the end of every Stop Frame.
An IRQSER mode transition can only occur during the Stop Frame. Upon reset, IRQSER bus is defaulted to continuous
mode, therefore only the host controller can initiate the first Start Frame. Slaves must continuously sample the Stop
Frames pulse width to determine the next IRQSER Cycle’s mode.
IRQSER Data Frame
Once a Start Frame has been initiated, the MEC1632 will watch for the rising edge of the Start Pulse and start counting
IRQ/Data Frames from there. Each IRQ/Data Frame is three clocks: Sample phase, Recovery phase, and Turn-around
phase. During the sample phase, the MEC1632 must drive the IRQSER (SIRQ pin) low, if and only if, its last detected
IRQ/Data value was low. If its detected IRQ/Data value is high, IRQSER must be left tri-stated. During the recovery
phase, the MEC1632 must drive the SERIRQ high, if and only if, it had driven the IRQSER low during the previous sam-
ple phase. During the turn-around phase, the MEC1632 must tri-state the SERIRQ. The MEC1632 drives the IRQSER
line low at the appropriate sample point if its associated IRQ/Data line is low, regardless of which device initiated the
start frame.
The Sample phase for each IRQ/Data follows the low to high transition of the Start Frame pulse by a number of clocks
equal to the IRQ/Data Frame times three, minus one e.g. The IRQ5 Sample clock is the sixth IRQ/Data Frame, then the
sample phase is {(6 x 3) - 1 = 17} the seventeenth clock after the rising edge of the Start Pulse.
TABLE 6-4:
SERIRQ_EN CONFIGURATION CONTROL
CR25 Bit[2]
Name
Description
0
SERIRQ_EN
Serial IRQ Disabled
1
Serial IRQ Enabled (Default)
TABLE 6-5:
IRQSER SAMPLING PERIODS
IRQSER Period
Signal Sampled
# of Clocks Past Start
1Not Used
2
2IRQ1
5
3
nSMI/IRQ2
8
4IRQ3
11
5IRQ4
14
6IRQ5
17
7IRQ6
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com