Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 83 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 83 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 79Page - Microchip Technology MEC1632 Datasheet HTML 80Page - Microchip Technology MEC1632 Datasheet HTML 81Page - Microchip Technology MEC1632 Datasheet HTML 82Page - Microchip Technology MEC1632 Datasheet HTML 83Page - Microchip Technology MEC1632 Datasheet HTML 84Page - Microchip Technology MEC1632 Datasheet HTML 85Page - Microchip Technology MEC1632 Datasheet HTML 86Page - Microchip Technology MEC1632 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 83
MEC1632
6.3.1
LPC BUS INTERFACE
The MEC1632 communicates with the host over a Low Pin Count (LPC) interface. The LPC interface uses 3.3V signal-
ing. For detailed specifications, see the Intel Low Pin Count Specification and the PCI Local Bus Specification, Section
4.2.2.
The following cycle types are supported by the LPC Bus protocol.
• 8-bit I/O Read
• 8-bit I/O Write
• 8-bit Memory Reads
• 8-bit Memory Writes
LPC transactions that claimed by the MEC1632 require a minimum of two wait SYNCs on the LPC bus. The number of
SYNCs may be larger if the AHB bus is in use by the embedded controller, of if the data referenced by the host is not
present in a MEC1632 register. The MEC1632 always uses Long Wait SYNCs, rather than Short Wait SYNCs, when
responding to an LPC bus request.
The PCI_CLK input can run at 24MHz or 33MHz. When the PCI_CLK input is 24MHz the Hand shake bit in the EC Clock
Control Register must be set to a ‘1’ to capture LPC transactions properly. See Section 6.10.4, "EC Clock Control Reg-
ister," on page 92.
Table 6-2, "LPC Bus Pin Behavior on Reset", shows the behavior of LPC outputs and input/outputs under reset condi-
tions in accordance with the Intel Low Pin Count Specification and the PCI Local Bus. See Section 6.7, "LPC Clock Run
and LPC Power Down Behavior," on page 84 for LPC protocol dependent pin state transitions requirements.
6.3.2
LPC I/O CYCLES
LPC 8-bit I/O Read cycles and 8-bit I/O Write cycles are mapped directly to addresses in the MEC1632 AHB address
space. The mapping will be to the range FF_0000h through FF_FFFFh. For information on how addresses map between
the LPC bus and the MEC1632, see Section 4.0, "Bus Hierarchy," on page 55 and Section 5.0, "Logical Device Config-
uration," on page 63. For a list of all Configuration Registers accessible to the Host, see Section 5.0, "Logical Device
Configuration," on page 63.
6.3.3
LPC FIRMWARE HUB CYCLES
The MEC1632 does not support LPC Firmware Hub cycles on the LPC Bus.
6.3.4
LPC MEMORY CYCLES
The system host may use LPC memory cycles to access memory mapped registers and internal RAMs implemented in
this device. See the Intel® Low Pin Count (LPC) Interface Specification, v1.1, Section 5.1 for definition of LPC Memory
Cycles.
6.3.5
LPC DMA CYCLES
The MEC1632 does not support LPC DMA cycles.
6.4
LPC Bus Configuration
The mapping from LPC Bus cycles to AHB read/write cycles is managed by the LPC Logical Device. The mapping is
defined by a series of configuration registers which are defined in Section 5.0, "Logical Device Configuration," on
page 63, in Section 6.4, "LPC Bus Configuration," on page 83.
TABLE 6-2:
LPC BUS PIN BEHAVIOR ON RESET
Pins
nSYS_RST
VCC POR
LPCPD#
Asserted
LRESET#
Asserted
LAD[3:0]
Tri-state
Tri-state
Tri-State
Tri-State
SERIRQ
Tri-state
Tri-state
Tri-State
Tri-State
CLKRUN#
Tri-state
Tri-state
Tri-State
Tri-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com