Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 82 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 82 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 78Page - Microchip Technology MEC1632 Datasheet HTML 79Page - Microchip Technology MEC1632 Datasheet HTML 80Page - Microchip Technology MEC1632 Datasheet HTML 81Page - Microchip Technology MEC1632 Datasheet HTML 82Page - Microchip Technology MEC1632 Datasheet HTML 83Page - Microchip Technology MEC1632 Datasheet HTML 84Page - Microchip Technology MEC1632 Datasheet HTML 85Page - Microchip Technology MEC1632 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 636 page
background image
MEC1632
DS00001592B-page 82
 2012-2018 Microchip Technology Inc.
6.3
LPC Logical Device
The LPC Logical Device structure is illustrated in Figure 6-1, "LPC Interface in MEC1632".
The LPC Logical Device is directly connected to two internal buses, the 32-bit AHB as well as the SPB. The SPB inter-
face is 32-bits. In addition, it is connected to the external LPC bus.
Host accesses to Configuration Registers for each Logical Device on the MEC1632 are managed by a Configuration
block described in Section 5.0, "Logical Device Configuration," on page 63. Configuration registers are accessed
through the LPC IO Configuration Register Port. The LPC Logical Device translates the Configuration address to an
AHB address and the Host LPC access is converted into an AHB transaction inside the MEC1632.
Host I/O accesses to Configuring Runtime Register Addresses are converted directly to AHB accesses. The LPC
address is translated by the LPC Bus Interface to an AHB address inside the MEC1632 and the access becomes an
access on the AHB bus.
FIGURE 6-2:
LPC LOGICAL DEVICE
SPB Slave
Interface
AHB Master
Interface
Configuration
AHB Bus
SPB Bus
LPC Bus
Interface
Control and
Status
LPC Bus
Chip Boundary
LPC
Logical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com