Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 29 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 25Page - Microchip Technology MEC1632 Datasheet HTML 26Page - Microchip Technology MEC1632 Datasheet HTML 27Page - Microchip Technology MEC1632 Datasheet HTML 28Page - Microchip Technology MEC1632 Datasheet HTML 29Page - Microchip Technology MEC1632 Datasheet HTML 30Page - Microchip Technology MEC1632 Datasheet HTML 31Page - Microchip Technology MEC1632 Datasheet HTML 32Page - Microchip Technology MEC1632 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 29
MEC1632
3.5.17
VCI
TABLE 3-22:
VCI INTERFACE
The signals BGP1 through BGPO5 are activated on their pins by control bits in the Week Timer Control Register, rather
than the mux control field in the associated GPIO mux control register. When a pin is selected as a BGPOx output, its
buffer type is O-8ma, independent of the buffer type of the GPIO.
The following table defines pin multiplexing for the BGPOx outputs:
3.5.18
SPI CONTROLLERS INTERFACE
TABLE 3-24:
SPI CONTROLLERS INTERFACE
Note 3-8
For General Purpose Serial Peripheral Interface (GP-SPI) interface pins with 8 mA buffers the
maximum SPCLK pin clock frequency is 16.13 MHz for all modes. Limited functionality is available
TABLE 3-23:
BGPOX PIN MULTIPLEXING
Pin Ref.
Number
Signal Name
Buffer Type
Associated GPIO
Control Bit in
Week Time Control Register
5
BGPO1
O-8mA
GPIO101
D16
6
BGPO2
O-8mA
GPIO102
D17
7
BGPO3
O-8mA
GPIO172
D18
8
BGPO4
O-8mA
GPIO173
D10
9
BGPO5
O-8mA
GPIO174
D20
VBAT-Powered Control Interface
(14 Pins)
Pin Ref. Number
Signal Name
Description
Notes
14
VCI_OVRD_IN
Input can cause wakeup or interrupt event
10
VCI_OUT
OUTPUT from combinational logic and/or EC
4
BGPO0
VBAT driven GPO
5
BGPO1
VBAT driven GPO
6
BGPO2
VBAT driven GPO
7
BGPO3
VBAT driven GPO
8
BGPO4
VBAT driven GPO
9
BGPO5
VBAT driven GPO
13
VCI_IN0#
Input can cause wakeup or interrupt event
12
VCI_IN1#
Input can cause wakeup or interrupt event
11
VCI_IN2#
Input can cause wakeup or interrupt event
15
VCI_IN3#
Input can cause wakeup or interrupt event
16
VCI_IN4#
Input can cause wakeup or interrupt event
17
VCI_IN5#
Input can cause wakeup or interrupt event
SPI Controllers Interface
(7 Pins)
Pin Ref. Number
Signal Name
Description
Notes
71
ECGP_SCLK
General Purpose SPI Clock
73
ECGP_SOUT
General Purpose SPI Output
75
ECGP_SIN
General Purpose SPI Input
136
FLSCLK
Flash Interface SPI Clock
137
FLSOUT
Flash Interface SPI Output
138
FLSIN
Flash Interface SPI Input
139
FLSCS#
Flash Interface SPI Chip Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com