Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 73 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 69Page - Microchip Technology MEC1632 Datasheet HTML 70Page - Microchip Technology MEC1632 Datasheet HTML 71Page - Microchip Technology MEC1632 Datasheet HTML 72Page - Microchip Technology MEC1632 Datasheet HTML 73Page - Microchip Technology MEC1632 Datasheet HTML 74Page - Microchip Technology MEC1632 Datasheet HTML 75Page - Microchip Technology MEC1632 Datasheet HTML 76Page - Microchip Technology MEC1632 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 73
MEC1632
5.7.1.1
MEC1632 SIRQ Routing
5.8
Configuration Register Reset Conditions
There are two reset conditions that will cause Configuration Registers on the MEC1632 to reset to default values. A
reset can be caused by a VTR Power On Reset condition or a VCC-Powergood Power on Reset condition. In addition,
firmware running on the Embedded Controller can set all Configuration Registers to a default condition. The Host can
request that the Configuration Registers be reset through a request to the Embedded Controller sent via the Mailbox
interface.
FIGURE 5-2:
SIRQ ROUTING INTERNAL LOGICAL DEVICES
TABLE 5-11:
MEC1632 LOGICAL DEVICE SIRQ ROUTING
SIRQ Interrupt
Configuration Register
Logical Device Interrupt Source
SELECT
FRAME
0
00h
MailBox SIRQ - See Section 12.3.1, on page 214
1
00h
SMI - Section 12.3.1, on page 214
0
01h
Keyboard SIRQ - Section 10.4.1, on page 191
1
01h
Mouse SIRQ - Section 10.4.1, on page 191
0
06h
UART SIRQ - Section 13.3.2, on page 223
0
0Ch
Serial IRQ - Section 6.10.3, on page 92
0
1
LD 00h- Int
LD 3Fh- Int
LD 00h-Int0
LD 00h-Int1
0
1
Reg 0x7F_3340[ i ]
Device
Frame
SERIRQ
i
8
7
6
0
1
LD 3Fh-Int0
LD 3Fh-Int1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com