Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 11 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 7Page - Microchip Technology MEC1632 Datasheet HTML 8Page - Microchip Technology MEC1632 Datasheet HTML 9Page - Microchip Technology MEC1632 Datasheet HTML 10Page - Microchip Technology MEC1632 Datasheet HTML 11Page - Microchip Technology MEC1632 Datasheet HTML 12Page - Microchip Technology MEC1632 Datasheet HTML 13Page - Microchip Technology MEC1632 Datasheet HTML 14Page - Microchip Technology MEC1632 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 11
MEC1632
3.3
Pin List
The MEC1632 Pin List is illustrated below in Table 3-1. The BGA package ball mapping to MEC1632 Pin Names is
shown in Figure 3-1.
TABLE 3-1:
MEC1632 PIN CONFIGURATION
Pin Ref.
Num ber
Ball
Num ber
Pin Nam e
Pin Ref.
Num ber
Ball
Num ber
Pin Nam e
1
D4
GPIO165/32KHZ_IN
43
N1
ADC5/GPIO205
2
A3
BGND
44
N2
ADC13/GPIO215
3F4
VBAT
45
M3
ADC6/GPIO206
4
C1
BGPO0
46
M4
ADC14/GPIO216
5
B2
GPIO101/BGPO1
47
N3
ADC7/GPIO207
6
C4
GPIO102/BGPO2
48
N4
ADC15/GPIO217
7
E3
GPIO172/BGPO3
49
K4
VSS_ADC
8
B4
GPIO173/BGPO4
50
J3
VREF_ADC
9
E4
GPIO174/BGPO5
51
M5
LRESET#
10
D1
VCI_OUT
52
L5
CLKRUN#
11
C2
VCI_IN2#/GPIO161
53
L6
LFRAME#
12
G1
VCI_IN1#/GPIO162
54
N5
SER_IRQ
13
D2
VCI_IN0#/GPIO163
55
N6
PCI_CLK
14
E2
VCI_OVRD_IN/GPIO164
56
M6
LAD0
15
E1
VCI_IN3#/GPIO000
57
M7
LAD1
16
C3
VCI_IN4#/GPIO234
58
H8
VTR2
17
H2
VCI_IN5#/GPIO235
59
L7
LAD2
18
F1
RESETI#
60
K7
LAD3
19
F2
GPIO062/RESETO#/GANG_START
61
K6
GPIO100/nEC_SCI
20
F3
VCC_PWRGD/GANG_MODE
62
N7
GPIO011/nSMI
21
G2
GPIO106/nRESET_OUT
63
H6
GPIO061/LPCPD#
22
G4
VSS_RO
64
J6
GPIO050/FAN_TACH0
23
G6
VTR0
65
M8
GPIO222
24
H5
VSS0
66
N8
GPIO051/FAN_TACH1
25
G3
GPIO033/RC_ID/GANG_STROBE
67
H7
GPIO223
26
H1
GPIO021/KSI2/GANG_FULL
68
J7
GPIO052/FAN_TACH2
27
H3
VTR_REG
69
G7
GPIO224
28
H4
VR_CAP
70
L8
GPIO016/GPTP-IN7/FAN_TACH3
29
J5
GPIO060/KBRST/GANG_ERROR
71
J9
GPIO230/ECGP_SCLK
30
K5
GPIO166
72
M9
GPIO053/PWM0
31
J1
AVTR_ADC
73
K9
GPIO231/ECGP_SOUT
32
K3
ADC0/GPIO200
74
N9
GPIO054/PWM1
33
J2
ADC8/GPIO210
75
K8
GPIO233/ECGP_SIN
34
K1
ADC1/GPIO201
76
J8
GPIO055/PWM2
35
K2
ADC9/GPIO211
77
N10
GPIO056/PWM3
36
J4
VTR3
78
L9
GPIO001/PWM4
37
L2
ADC2/GPIO202
79
L10
GPIO002/PWM5
38
L1
ADC10/GPIO212
80
N11
GPIO014/GPTP-IN6/PWM6
39
M1
ADC3/GPIO203
81
M10
GPIO015/GPTP-OUT6/PWM7
40
L3
ADC11/GPIO213
82
N12
GPIO151/GPTP-IN3/FAN_TACH4/KSO15
41
L4
ADC4/GPIO204
83
M11
GPIO152/GPTP-OUT3/FAN_TACH5/KSO16
42
M2
ADC12/GPIO214
84
N13
GPIO017/GPTP-OUT7/TOUT3/KSI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com