Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 53 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 49Page - Microchip Technology MEC1632 Datasheet HTML 50Page - Microchip Technology MEC1632 Datasheet HTML 51Page - Microchip Technology MEC1632 Datasheet HTML 52Page - Microchip Technology MEC1632 Datasheet HTML 53Page - Microchip Technology MEC1632 Datasheet HTML 54Page - Microchip Technology MEC1632 Datasheet HTML 55Page - Microchip Technology MEC1632 Datasheet HTML 56Page - Microchip Technology MEC1632 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 53
MEC1632
3.7
Notes for Tables in this Chapter
3.8
Strapping Options
GPIO171 is used for the TAP Controller select strap (see Section 44.2.1, "TAP Controller Select Strap Option," on
page 580). If any of the MEC1632 JTAG TAP controllers are used, GPIO171 must only be configured as an output to
a VTR powered external function. GPIO171 may only be configured as an input when the JTAG TAP controllers are
not needed or when an external driver does not violate the Slave Select Timing as defined in Section 44.2.2, "Slave
Select Timing," on page 580.
GPIO166 is used for the UART_BOOT_STRAP option (see Section 42.4, "UART Boot Strap Option," on page 568.
See also Section 7.6.2, "Strap Options," on page 124.
Note 1
The nEC_SCI pin can be controlled by hardware and EC firmware. The nEC_SCI pin
can drive either the ACPI Run-time GPE Chipset input or the Wake GPE Chipset input.
Depending how the nEC_SCI pin is used, other ACPI-related SCI functions may be best
supplied by other general purpose outputs that can be configured as open-drain drivers.
Note 2
These pins require an external weak pull-up resistors of 10k-100k ohms.
Note 3
A pull-up is not needed on this BC-Link DATA pin as long as the voltage remains above the
logic-high threshold during the second turnaround cycle.
Note 4
The two pin debug port UART can be used by the Host or EC. This pin can be VCC protected
or not VCC portected under program control by the POWER bit in the Configuration Select
Register in Host configuration space (also accessible by the EC).
Note 5
When the JTAG_RST# pin is not asserted (logic'1'), the JTAG_TDI, JTAG_TDO, JTAG_CLK,
JTAG_TMS signal functions in the JTAG interface are unconditionally routed to the interface;
the Pin Control register for these pins has no effect. When the JTAG_RST# pin is asserted
(logic'0'), the JTAG_TDI, JTAG_TDO, JTAG_CLK, JTAG_TMS signal functions in the JTAG
interface are not routed to the interface and the Pin Control Register for these pins controls the
muxing. The pin control registers can not route the JTAG interface to the pins. System Board
Designer should terminate this pin in all functional state using jumpers and pull-up or pull
down resistors, etc .
Note 6
PS/2 ports ending with signal functions ending with "A" or "B" are muxed to a single
controller. Only one set of clock and data are intended to used at a time (either "A" or "B" not
both. The unused port segment should have its associated pin control register's, Mux Control
Field programmed away from the PS2 controller.
Note 7
The GPIO062 pin defaults to output 'low' on nSYS_RST to support the firmware controlled
RESETO# feature. RESETO# is not a GPIO alternate function; it is controlled by firmware as
a GPIO function.
Note 8
This pin has a GPIO signal for interrupt/wake-only signal functions.
Note 9
The LED pins do not have internal pull-downs.
Note 10
This pin is muxed with a BGPO signal that is configured by programming the Week Timer
Control register. When configured as the BGPO function the pad is powered by VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com