Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 63 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 59Page - Microchip Technology MEC1632 Datasheet HTML 60Page - Microchip Technology MEC1632 Datasheet HTML 61Page - Microchip Technology MEC1632 Datasheet HTML 62Page - Microchip Technology MEC1632 Datasheet HTML 63Page - Microchip Technology MEC1632 Datasheet HTML 64Page - Microchip Technology MEC1632 Datasheet HTML 65Page - Microchip Technology MEC1632 Datasheet HTML 66Page - Microchip Technology MEC1632 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 63
MEC1632
5.0
LOGICAL DEVICE CONFIGURATION
5.1
Description
The Configuration of the MEC1632 is very flexible and is based on the configuration architecture implemented in typical
Plug-and-Play components.
The MEC1632 is designed for motherboard designs in which the resources required by their components are known.
With its flexible resource allocation architecture, the MEC1632 allows the BIOS to assign resources at POST.
5.2
Location of Configuration Registers
Configuration Registers for Logical Devices accessible by the Host are located on the LPC SPB in the address range
FF_0000h through FF_FFFFh. All Configuration Registers are located at addresses where address bits 9 and 8 are both
‘1b’ (that is, at offsets 300h through 3FFh from the base of a 1KB address frame). Configuration registers are accessible
by the Embedded Controller with 8-bit, 16-bit or 32-bit accesses. The Host can access the registers only with 8-bit
accesses.
The Configuration Registers for the LPC Logical Device are located on the LPC SPB in the address range FF_3300h
through FF_33F0h. The Global Configuration Registers are located within the Global Configuration Logical Device.
5.3
Logical Devices
Logical devices described in this section are peripherals that are located on the MEC1632 and are accessible to the
Host over the LPC bus.
Each logical device on the MEC1632 can have a set of Runtime Register and a set of Configuration Registers. The dis-
tinction between Runtime and Configuration registers is that the Host can access Runtime Registers by a direct I/O
address, while it can only access Configuration Registers through a configuration port. The Embedded Controller (EC)
can access all Configuration Registers and all Runtime Registers directly. The Logical Device Numbers for the Logical
Devices resident in the MEC1632 are listed in Table 5-14, “MEC1632 Configuration Register Map,” on page 75.
All Configuration and Runtime Registers in the MEC1632 have an assigned AHB address between FF 0000h and
FF FFFFh. Unless indicated otherwise, the EC can issue reads and writes to any register in that AHB address range.
The EC can access 8-bit registers with 8-bit reads and writes, 16-bit registers with either 8-bit or 16-bit reads and writes
and 32-bit registers with 8-bit, 16-bit and 32-bit reads and writes.
TABLE 5-1:
LOGICAL DEVICES
Logical Device
Number
Logical Device
Logical Device CR Map
on Table 5-14
0h
Mailbox Interface
on page 75
1h
Keyboard Controller (8042)
on page 75
2h
ACPI EC Channel 0
on page 75
3h
ACPI EC Channel 1
on page 75
4h
ACPI EC Channel 2
on page 75
5h
ACPI EC Channel 3
on page 75
6h
ACPI PM1
on page 75
7h
UART
on page 75
8h
Legacy (Fast KB)
on page 75
Ch
LPC Interface
on page 75
Eh
Embedded Flash Interface
on page 77
Fh
Flash SPI
on page 77
10h
EM Interface
on page 77
11h
Real Time Clock
on page 77
20h
BIOS Debug Port 0
on page 77
21h
BIOS Debug Port 1
on page 77
3Fh
Global Configuration
on page 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com