Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 91 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 91 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 87Page - Microchip Technology MEC1632 Datasheet HTML 88Page - Microchip Technology MEC1632 Datasheet HTML 89Page - Microchip Technology MEC1632 Datasheet HTML 90Page - Microchip Technology MEC1632 Datasheet HTML 91Page - Microchip Technology MEC1632 Datasheet HTML 92Page - Microchip Technology MEC1632 Datasheet HTML 93Page - Microchip Technology MEC1632 Datasheet HTML 94Page - Microchip Technology MEC1632 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 91
MEC1632
6.10.2
HOST BUS ERROR REGISTER
LPC_AHB_ERR
This bit can be used to generate an EC interrupt. It is set whenever either a BAR conflict or an AHB bus error occurs as
a result of an LPC access. Once set, it remains set until cleared by being written with a 1.
EN_AHB_ERR
When this bit is 0, only a BAR conflict, which occurs when two BARs match the same LPC I/O address, will cause
LPC_AHB_ERR to be set. When this bit is 1, AHB bus errors will also cause LPC_AHB_ERR to be set.
BAR_CONFLICT
This bit is set to 1 whenever a BAR conflict occurs on an LPC address. A Bar conflict occurs when more than one BAR
matches the address during of an LPC cycle access, and can occur either in LPC I/O addresses or in LPC memory
addresses. Once this bit is set, it remains set until cleared by being written with a 1.
RUNTIME_ERR
This bit is set to 1 whenever En_AHB_ERR is 1 and an LPC I/O access causes an AHB bus error. This error will only
occur if a BAR is misconfigured. Once set, it remains set until cleared by being written with a 1.
CONFIG_ERR
This bit is set to 1 whenever En_AHB_ERR is 1 and an LPC Configuration access causes an AHB bus error. Once set,
it remains set until cleared by being written with a 1.
TABLE 6-9:
HOST BUS ERROR REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC ADDRESS
FF_3108h
32-bit EC SIZE
POWER
VTR
0000_0000h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE3 BIT
D31
D30
D29
D28
D27
D26
D25
D24
HOST TYPE
--
-
-
-
-
-
-
EC TYPE
RR
R
R
R
R
R
R
BIT NAME
ErrorAddress[23:16]
BYTE2 BIT
D23
D22
D21
D20
D19
D18
D17
D16
HOST TYPE
--
-
-
-
-
-
-
EC TYPE
RR
R
R
R
R
R
R
BIT NAME
ErrorAddress[15:8]
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
HOST TYPE
--
-
-
-
-
-
-
EC TYPE
RR
R
R
R
R
R
R
BIT NAME
ErrorAddress[7:0]
BYTE0 BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
--
-
-
-
-
-
-
EC TYPE
R
R/WC
R/WC
R/WC
R/WC
R/WC
R/W
R/WC
BIT NAME
Reserved
Reserved
Reserved
Config
Err
Runtime
Err
BAR_
Conflict
En_
AHB_Err
LPC_
AHB_Err



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com