Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 27 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 23Page - Microchip Technology MEC1632 Datasheet HTML 24Page - Microchip Technology MEC1632 Datasheet HTML 25Page - Microchip Technology MEC1632 Datasheet HTML 26Page - Microchip Technology MEC1632 Datasheet HTML 27Page - Microchip Technology MEC1632 Datasheet HTML 28Page - Microchip Technology MEC1632 Datasheet HTML 29Page - Microchip Technology MEC1632 Datasheet HTML 30Page - Microchip Technology MEC1632 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 27
MEC1632
3.5.13
SMBUS INTERFACE
TABLE 3-18:
SMBUS INTERFACE
3.5.14
PECI INTERFACE
TABLE 3-19:
PECI INTERFACE
SMBus Interface
(24 Pins)
Pin Ref. Number
Signal Name
Description
Notes
146
SMB00_CLK
SMBus Controller Port 0 Clock
147
SMB00_DATA
SMBus Controller Port 0 Data
144
SMB01_CLK
SMBus Controller Port 1 Clock
145
SMB01_DATA
SMBus Controller Port 1 Data
143
SMB02_CLK
SMBus Controller Port 2 Clock
142
SMB02_DATA
SMBus Controller Port 2 Data
141
SMB03_CLK
SMBus Controller Port 3 Clock
140
SMB03_DATA
SMBus Controller Port 3 Data
139
SMB04_CLK
SMBus Controller Port 4 Clock
138
SMB04_DATA
SMBus Controller Port 4 Data
137
SMB05_CLK
SMBus Controller Port 5 Clock
136
SMB05_DATA
SMBus Controller Port 5 Data
93
SMB06_CLK
SMBus Controller Port 6 Clock
92
SMB06_DATA
SMBus Controller Port 6 Data
89
SMB07_CLK
SMBus Controller Port 7 Clock
88
SMB07_DATA
SMBus Controller Port 7 Data
132
SMB08_CLK
SMBus Controller Port 8 Clock
131
SMB08_DATA
SMBus Controller Port 8 Data
130
SMB09_CLK
SMBus Controller Port 9 Clock
129
SMB09_DATA
SMBus Controller Port 9 Data
91
SMB10_CLK
SMBus Controller Port 10 Clock
90
SMB10_DATA
SMBus Controller Port 10 Data
127
SB-TSI_CLK
SMBus Controller AMD-TSI Port Clock
126
SB-TSI_DAT
SMBus Controller AMD-TSI Port Data
PECI Interface
(2 Pins)
Pin Ref. Number
Signal Name
Description
Notes
126
PECI_DAT
PECI Bus
128
VREF_VTT
Processor Interface Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com