Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 28 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 24Page - Microchip Technology MEC1632 Datasheet HTML 25Page - Microchip Technology MEC1632 Datasheet HTML 26Page - Microchip Technology MEC1632 Datasheet HTML 27Page - Microchip Technology MEC1632 Datasheet HTML 28Page - Microchip Technology MEC1632 Datasheet HTML 29Page - Microchip Technology MEC1632 Datasheet HTML 30Page - Microchip Technology MEC1632 Datasheet HTML 31Page - Microchip Technology MEC1632 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 636 page
background image
MEC1632
DS00001592B-page 28
 2012-2018 Microchip Technology Inc.
3.5.15
16-BIT COUNTER/TIMER INTERFACE
TABLE 3-20:
16-BIT COUNTER/TIMER INTERFACE
3.5.16
KEYBOARD SCAN INTERFACE
TABLE 3-21:
KEYBOARD SCAN INTERFACE
16-Bit Counter/Timer Interface
(8 Pins)
Pin Ref. Number
Signal Name
Description
Notes
95
TIN0
16-Bit Counter/Timer Input 1
96
TIN1
16-Bit Counter/Timer Input 2
97
TIN2
16-Bit Counter/Timer Input 3
98
TIN3
16-Bit Counter/Timer Input 4
87
TOUT0
16-Bit Counter/Timer Output 1
86
TOUT1
16-Bit Counter/Timer Output 2
85
TOUT2
16-Bit Counter/Timer Output 3
84
TOUT3
16-Bit Counter/Timer Output 4
Keyboard Scan Interface
(26 Pins)
Pin Ref. Number
Signal Name
Description
Notes
84
KSI0
Keyboard Scan Matrix Input 0
161
KSI1
Keyboard Scan Matrix Input 1
26
KSI2
Keyboard Scan Matrix Input 2
96
KSI3
Keyboard Scan Matrix Input 3
97
KSI4
Keyboard Scan Matrix Input 4
98
KSI5
Keyboard Scan Matrix Input 5
87
KSI6
Keyboard Scan Matrix Input 6
86
KSI7
Keyboard Scan Matrix Input 7
85
KSO0
Keyboard Scan Matrix Output 0
154
KSO1
Keyboard Scan Matrix Output 1
155
KSO2
Keyboard Scan Matrix Output 2
156
KSO3
Keyboard Scan Matrix Output 3
99
KSO4
Keyboard Scan Matrix Output 4
105
KSO5
Keyboard Scan Matrix Output 5
106
KSO6
Keyboard Scan Matrix Output 6
100
KSO7
Keyboard Scan Matrix Output 7
157
KSO8
Keyboard Scan Matrix Output 8
158
KSO9
Keyboard Scan Matrix Output 9
159
KSO10
Keyboard Scan Matrix Output 10
101
KSO11
Keyboard Scan Matrix Output 11
102
KSO12
Keyboard Scan Matrix Output 12
160
KSO13
Keyboard Scan Matrix Output 13
92
KSO14
Keyboard Scan Matrix Output 14
82
KSO15
Keyboard Scan Matrix Output 15
83
KSO16
Keyboard Scan Matrix Output 16
165
KSO17
Keyboard Scan Matrix Output 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com