Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 92 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 92 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 88Page - Microchip Technology MEC1632 Datasheet HTML 89Page - Microchip Technology MEC1632 Datasheet HTML 90Page - Microchip Technology MEC1632 Datasheet HTML 91Page - Microchip Technology MEC1632 Datasheet HTML 92Page - Microchip Technology MEC1632 Datasheet HTML 93Page - Microchip Technology MEC1632 Datasheet HTML 94Page - Microchip Technology MEC1632 Datasheet HTML 95Page - Microchip Technology MEC1632 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 636 page
background image
MEC1632
DS00001592B-page 92
 2012-2018 Microchip Technology Inc.
ERROR ADDRESS
This 24-bit field captures the 24-bit AHB address of every LPC transaction whenever the bit LPC_AHB_ERR in this reg-
ister is 0. When LPC_AHB_ERR is 1 this register is not updated but retains its previous value. When bus errors occur
this field saves the address of the first address that caused an error.
6.10.3
EC SERIRQ REGISTER
EC_IRQ
If the LPC Logical Device is selected as the source for a Serial Interrupt Request by an Interrupt Configuration register
(see Section 5.7, "SERIRQ Interrupts," on page 71), this bit is used as the interrupt source.
6.10.4
EC CLOCK CONTROL REGISTER
TABLE 6-10:
EC SERIRQ REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC ADDRESS
FF_310Ch
32-bit EC SIZE
POWER
VTR
0000_0000h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE[3:1] BIT
D31
D30
D29
…
D10
D9
D8
HOST TYPE
--
-
-
-
-
-
-
EC TYPE
RR
R
R
R
R
R
R
BIT NAME
Reserved
BYTE0 BIT
D7
D6
D5
D4
D3
D2
D1
D0
HOST TYPE
--
-
-
-
-
-
-
EC TYPE
RR
R
R
R
R
R
R/W
BIT NAME
Reserved
EC_IRQ
TABLE 6-11:
EC CLOCK CONTROL REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC ADDRESS
FF_3110h
32-bit EC SIZE
POWER
VTR
0000_0000h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE[3:1] BIT
D31
D30
D29
…
D10
D9
D8
HOST TYPE
-----
-
-
-
EC TYPE
RRRRR
R
R
R
BIT NAME
Reserved
BYTE0 BIT
D7D6D5D4D3
D2
D1
D0
HOST TYPE
-----
-
-
-
EC TYPE
RRRRR
R/W
R/W
R/W
BIT NAME
Reserved
Handshake
Clock_Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com