Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 67 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 63Page - Microchip Technology MEC1632 Datasheet HTML 64Page - Microchip Technology MEC1632 Datasheet HTML 65Page - Microchip Technology MEC1632 Datasheet HTML 66Page - Microchip Technology MEC1632 Datasheet HTML 67Page - Microchip Technology MEC1632 Datasheet HTML 68Page - Microchip Technology MEC1632 Datasheet HTML 69Page - Microchip Technology MEC1632 Datasheet HTML 70Page - Microchip Technology MEC1632 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 67
MEC1632
Each BAR is 32 bits wide. The format of each BAR is summarized in Table 5-5, "Base Address Register Format". An
LPC I/O request is translated by the BAR into an 8-bit read or write transaction on the AHB bus. The 16-bit LPC I/O
address is translated into a 24-bit AHB address
The Base Address Register Table is itself part of the AHB address space. It resides in the Configuration quadrant of
Logical Device Ch, the LPC Interface.
MASK
These 7 bits are used to mask off address bits in the address match between an LPC I/O address and the Host Address
field of the BARs, as described in Section 5.6.3, "Mapping LPC I/O Addresses". A block of up to 128 8-bit registers can
be assigned to one base address.
FRAME
These 6 bits are used to specify a logical device frame number within a bus. This field is multiplied by 400h to provide
the frame address within the peripheral bus address. In the MEC1632 Frame values for frames corresponding to logical
devices that are not present on the MEC1632 are invalid.
VALID
If this bit is 1, the BAR is valid and will participate in LPC matches. If it is 0 this BAR is ignored
HOST_ADDRESS
These 16 bits are used to match LPC I/O addresses
5.6.3
MAPPING LPC I/O ADDRESSES
A Base Address Register will match an LPC I/O address, and thus the MEC1632 will claim the LPC bus cycle, if the
following relation holds:
(LPC Address & ~BAR.MASK) == (BAR.LPC_Address & ~BAR.MASK) && (BAR.Valid == 1)
If one of the BARs match, the LPC cycle will be claimed and the LPC request will be translated to an AHB address
according to the following formula:
AHB Address = FF_000h | (BAR.Frame<<10) | (LPC_Address & BAR.MASK)
The formula is illustrated in Figure 5-1, "LPC BAR Mapping".
Note:
Software should that insure that no two BARs map the same LPC I/O address. If two BARs do map to the
same address, the BAR_Conflict bit in the Host Bus Error Register is set when an LPC access targeting
the BARConflict address. An EC interrupt can be generated.
TABLE 5-5:
BASE ADDRESS REGISTER FORMAT
BYTE3 BIT
D31
D30
D29
D28
D27
D26
D25
D24
BIT NAME
LPC Host Address, most significant bits
BYTE2 BIT
D23
D22
D21
D20
D19
D18
D17
D16
BIT NAME
LPC Host Address, least significant bits
BYTE1 BIT
D15
D14
D13
D12
D11
D10
D9
D8
BIT NAME
Valid
Reserved
Frame
BYTE0 BIT
D7D6D5D4D3D2D1D0
BIT NAME
Reserved
Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com