Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 43 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 39Page - Microchip Technology MEC1632 Datasheet HTML 40Page - Microchip Technology MEC1632 Datasheet HTML 41Page - Microchip Technology MEC1632 Datasheet HTML 42Page - Microchip Technology MEC1632 Datasheet HTML 43Page - Microchip Technology MEC1632 Datasheet HTML 44Page - Microchip Technology MEC1632 Datasheet HTML 45Page - Microchip Technology MEC1632 Datasheet HTML 46Page - Microchip Technology MEC1632 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 43
MEC1632
TABLE 3-37:
MULTIPLEXING TABLE (12 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
89
Default: 0
GPIO013
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
89
1
SMB07_CLK
IOD-8 mA
VTR
VTR/VCC
High
89
2
Reserved
Reserved
Reserved
Reserved
89
3
Reserved
Reserved
Reserved
Reserved
90
Default: 0
GPIO130
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
90
1
SMB10_DATA
IOD-8 mA
VTR
VTR/VCC
High
90
2
Reserved
Reserved
Reserved
Reserved
90
3
Reserved
Reserved
Reserved
Reserved
91
Default: 0
GPIO131
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
91
1
SMB10_CLK
IOD-8 mA
VTR
VTR/VCC
High
91
2
Reserved
Reserved
Reserved
Reserved
91
3
Reserved
Reserved
Reserved
Reserved
92
Default: 0
GPIO132
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
92
1
SMB06_DATA
IOD-8 mA
VTR
VTR
High
92
2
KSO14
(O/OD)-8 mA
VTR
VTR
92
3
Reserved
Reserved
Reserved
Reserved
93
Default: 0
GPIO140
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
93
1
SMB06_CLK
IOD-8 mA
VTR
VTR
High
93
2
PWM13
(O/OD)-8 mA
VTR
VTR
93
3
Reserved
Reserved
Reserved
Reserved
94
VTR_FLASH
PWR
PWR
PWR
94
94
94
95
Default: 0
GPIO025
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
95
1
UART_CLK
I
VTR
VTR
Low
95
2
TIN0
I
VTR
VTR
Low
95
3
nEM_INT
(O/OD)-8T mA
VTR
VCC
96
Default: 0
GPIO026
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
96
1
GPTP-IN0
I
VTR
VTR
Low
96
2
TIN1
I
VTR
VTR
Low
96
3
KSI3
IS
VTR
VTR
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com