Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 12 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 8Page - Microchip Technology MEC1632 Datasheet HTML 9Page - Microchip Technology MEC1632 Datasheet HTML 10Page - Microchip Technology MEC1632 Datasheet HTML 11Page - Microchip Technology MEC1632 Datasheet HTML 12Page - Microchip Technology MEC1632 Datasheet HTML 13Page - Microchip Technology MEC1632 Datasheet HTML 14Page - Microchip Technology MEC1632 Datasheet HTML 15Page - Microchip Technology MEC1632 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 636 page
background image
MEC1632
DS00001592B-page 12
 2012-2018 Microchip Technology Inc.
Pin Ref.
Num ber
Ball
Num ber
Pin Nam e
Pin Ref.
Num ber
Ball
Num ber
Pin Nam e
85
L11
GPIO040/GPTP-OUT2/TOUT2/KSO0
128
B11
GPIO044/VREF_VTT
86
M13
GPIO032/GPTP-IN2/TOUT1/KSI7
129
C11
GPIO145/SMB09_DATA/JTAG_TDI
87
M12
GPIO031/GPTP-OUT1/TOUT0/KSI6
130
A11
GPIO146/SMB09_CLK/JTAG_TDO
88
L12
GPIO012/SMB07_DATA
131
C10
GPIO147/SMB08_DATA/JTAG_CLK
89
K11
GPIO013/SMB07_CLK
132
B10
GPIO150/SMB08_CLK/JTAG_TMS
90
J10
GPIO130/SMB10_DATA
133
A10
JTAG_RST#
91
K10
GPIO131/SMB10_CLK
134
F9
GPIO104/UART_TX
92
L13
GPIO132/SMB06_DATA/KSO14
135
A9
GPIO105/UART_RX
93
K12
GPIO140/SMB06_CLK/PWM13/GANG_DATA7
136
E9
GPIO141/SMB05_DATA/PWM14/FLSCLK
94
K13
VTR_FLASH
137
B9
GPIO142/SMB05_CLK/PWM15/FLSOUT/GA
NG_DATA6
95
H9
GPIO025/UART_CLK/TIN0/nEM_INT
138
C9
GPIO143/SMB04_DATA/PWM12/FLSIN/GAN
G_BUSY
96
J11
GPIO026/GPTP-IN0/TIN1/KSI3/scan_test
139
A8
GPIO144/SMB04_CLK/FLSCS#/GANG_DAT
A5
97
J12
GPIO027/GPTP-OUT0/TIN2/KSI4/scan_test
140
D9
GPIO007/SMB03_DATA/PS2_CLK0B
98
J13
GPIO030/GPTP-IN1/TIN3/KSI5/scan_test
141
F8
GPIO010/SMB03_CLK/PS2_DAT0B/GANG_
DATA4
99
H12
GPIO107/KSO4
142
E8
GPIO154/SMB02_DATA/PS2_CLK1B
100
H13
GPIO120/KSO7
143
B8
GPIO155/SMB02_CLK/PS2_DAT1B/GANG_
DATA3
101
H10
GPIO124/GPTP-OUT4/KSO11
144
C8
GPIO006/SMB01_CLK
102
H11
GPIO125/GPTP-IN4/KSO12
145
D8
GPIO005/SMB01_DATA
103
G11
GPIO110/PS2_CLK2/GPTP-IN5
146
A7
GPIO004/SMB00_CLK
104
G12
GPIO111/PS2_DAT2/GPTP-
OUT5/GANG_DATA2
147
E7
GPIO003/SMB00_DATA
105
G10
GPIO112/PS2_CLK1A/KSO5
148
D5
GPIO022/BCM_B_CLK
106
G9
GPIO113/PS2_DAT1A/KSO6/GANG_DATA1
149
C5
GPIO023/BCM_B_DAT
107
F11
GPIO114/PS2_CLK0A
150
E5
GPIO024/BCM_B_INT#
108
F12
GPIO115/PS2_DAT0A/GANG_DATA0
151
D7
GPIO127/A20M
109
G8
VTR1
152
F6
GPIO034/CEC_OUT
110
G5
VSS1
153
A6
GPIO036/CEC_IN
111
G13
GPIO070
154
B7
GPIO045/LSBCM_D_INT#/KSO1
112
F13
GPIO071
155
E6
GPIO046/LSBCM_D_DAT/KSO2
113
E13
GPIO072
156
B6
GPIO047/LSBCM_D_CLK/KSO3
114
D13
GPIO073
157
C6
GPIO121/BCM_A_INT#/KSO8
115
C13
GPIO074
158
C7
GPIO122/BCM_A_DAT/KSO9
116
B13
GPIO075
159
B5
GPIO123/BCM_A_CLK/KSO10
117
E12
GPIO041
160
A5
GPIO126/KSO13
118
E11
GPIO076
161
D6
GPIO020/KSI1
119
D11
GPIO220
162
A4
GPIO156/LED0
120
D12
GPIO035/PWM8
163
F5
GPIO157/LED1
121
E10
GPIO170/MSCLK
164
D3
GPIO153/LED2
122
D10
GPIO171/MSDATA
165
B3
GPIO175/32KHZ_OUT/KSO17
123
A13
GPIO133/PWM9
166
F7
VSS2
124
C12
GPIO134/PWM10
167
A1
XTAL1
125
F10
GPIO135/PWM11
168
B1
XTAL2
126
B12
GPIO042/PECI_DAT/SB-TSI_DAT
169
A2
VSS_XTAL
127
A12
GPIO043/SB-TSI_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com