Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1632 Datasheet(PDF) 103 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 103 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 99Page - Microchip Technology MEC1632 Datasheet HTML 100Page - Microchip Technology MEC1632 Datasheet HTML 101Page - Microchip Technology MEC1632 Datasheet HTML 102Page - Microchip Technology MEC1632 Datasheet HTML 103Page - Microchip Technology MEC1632 Datasheet HTML 104Page - Microchip Technology MEC1632 Datasheet HTML 105Page - Microchip Technology MEC1632 Datasheet HTML 106Page - Microchip Technology MEC1632 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 103
MEC1632
7.4.6
32 KHZ CLOCK DOMAIN SWITCHING
Clock sources for the 32K Clock Domain are illustrated in Figure 7-7 includes both an internal 32.768 KHz Silicon Oscil-
lator, 32.768 KHz Crystal Oscillator and an external 32 KHz clock source. 32 KHz Clock Domain Switching is con-
trolled as defined in Table 7-9.
The external 32 KHz clock source is configured using the EXT32K_VBAT bit D0 in the Clock Enable Register.
Note 7-7
The internal 32kHz Clock Source must first be enabled via the Clock Enable Register before
switching to the External 32kHz clock source either in the Forced mode (external only) or the auto-
switch mode.
Note 7-8
32K_EN is bit D1 in the Clock Enable Register.
Note 7-9
AD_EN is bit D2 in the Clock Enable Register.
Note 7-10
XTL32K_EN is bit D3 in the Clock Enable Register.
Note 7-11
XTL_SEL is bit D4 in the Clock Enable Register.
Note 7-12
If AD_EN is asserted (‘1’), the external 32 KHz Oscillator is selected and the external 32 KHz clock
stops (i.e., stays high or low for longer than ~31
s), the external clock must remain stopped for a
minimum of 300
s.
If AD_EN is asserted (‘1’), and the 32K_EN changes from asserted (‘1’) to de-asserted, AD_EN must
remain asserted for a minimum of 300
s.
At least one of 32K_EN or XTL32K_EN must be set to ‘1’ when switching AD_EN from ‘0’ to ‘1’ in
order for clock domain switching to take place. Once the 32K domain is switched, 32K_EN or
XTL32K_EN can be set to ‘0’.
Note 7-13
The
32.768 KHz Crystal Oscillator can be driven by a crystal or an external 32 KHz single-ended
clock source as defined by the XOSEL bit in the Clock Enable Register.
TABLE 7-9:
32KHZ CLOCK DOMAIN CONTROL
XTL_SEL
(
Note 7-11)
XTL32K_EN
(
Note 7-10)
AD_EN
(
Note 7-9)
32K_EN
(
Note 7-8)
Mode
(
Note 7-7)
Description
Notes
X
0
0
0
Off
32 KHz clocking (inter-
nal/external) disabled
(default)
0
X
0
1
Internal
Internal 32.768 KHz Silicon
Oscillator only
1
1
0
X
Internal
Internal 32.768 KHz Crystal
Oscillator only
Note 7-13
X
0
1
0
External
External 32 KHz input
(32KHZ_IN pin) only
Note 7-12
0
X
1
1
Auto Switch
Internal 32 KHz clock
source used only if external
not detected.
11
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com