Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 116 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 116 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 112Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 113Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 114Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 115Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 116Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 117Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 118Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 119Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 120Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
116
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Figure 61. PCI To Add-On Passive Write
Figure 62. PCI To Add-On Passive Write w/Pass-Thru
Address
Clock 0:
The address is recognized as a PCI write to
Pass-Thru region 1. The PCI bus write address is
stored in the Pass-Thru Address Register. The PCI
bus write data is stored in the S5320 Write FIFO. Add-
On bus signals PTATN#, PTBURST#, PTNUM[1:0],
PTWR and PTBE[3:0] will update on the next rising
edge of ADCLK.
Clock 1:
Pass-Thru signals PTATN#, PTBURST#,
PTNUM[1:0], PTWR and PTBE[3:0] are driven to indi-
cate what action is required by Add-On logic. These
status signals are valid only when PTATN# is active.
Add-On logic can decode status signals upon the
assertion of PTATN#.
PTATN# Asserted. Indicates Pass-Thru access is
pending.
PTBURST# Not asserted. The access has a single
data phase.
PTNUM[1:0] 1h. Indicates the access is to Pass-Thru
region 1.
PTWR Asserted. The Pass-Thru access is a write.
PTBE[3:0]# 0h. Indicate the Pass-Thru has all bytes
valid.
Clock 2:
The PTADR# input is asserted to read the
Pass-Thru Address Register. The assertion of
PTADR# will immediately cause the address to be
driven on the DQ bus. RD#, SELECT#, byte enable,
and the address inputs are asserted to read the Pass-
Thru Data Register at offset 2Ch. DQ[31:0] is driven
one clock after RD# and SELECT# are asserted.
Asserting PTADR# and RD# at the same time will save
a clock cycle, since the assertion of the RD# won’t
cause the data to be driven until a clock later. The
Add-On also asserts PTRDY#, indicating that the cur-
rent transfer is complete.
Clock 3:
PTBE[3:0] are updated to indicate which
bytes have not yet been read. Data is driven on the
DQ bus because RD# was asserted a clock earlier.
The Add-On logic reads the data and deasserts
PTRDY#. As PT RD Y# was sampled asserted,
PTATN# is immediately deasserted and the Pass-Thru
access is completed with the next clock. If add-on
logic requires more time to read the Pass-Thru Data
Register (slower memory or peripherals), PTRDY#
can be delayed, extending the cycle.
Clock 4:
As PTATN# is deasserted, the Pass-Thru
access is complete, and the S5320 can accept new
Pass-Thru accesses starting on the next clock. The
other Pass-Thru signals can also change (in anticipa-
tion of a new transfer). The S5320 stops driving the
DQ bus as RD# and SELECT# were not valid on the
previous cycle.
Single-Cycle PCI to Pass-Thru Read
A single-cycle PCI to Pass-Thru read operation occurs
when a PCI initiator reads a single value from a Pass-
Thru region. PCI single cycle transfers consists of an
ADCLK
PT AT N#
PT BURST #
PT NUM[1:0]
PTWR
PT BE[3:0]
SELECT #
0
1
2
3
4
5
ADR[6:2]
BE[3:0]#
RD#
DQ[31:0]
PT RDY#
Fh
0h
2Ch
PT DAT A
0h
1h
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
SELECT#
0
1
2
3
4
ADR[6:2]
BE[3:0]#
RD #
DQ[31:0]
PTADR#
DATA
AD D R
PTRDY#
Fh
2Ch
0h
1h
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com