Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 120 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 120 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 116Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 117Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 118Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 119Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 120Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 121Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 122Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 124Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
120
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Figure 65. PCI to Add-On Passive Burst Write Using PTRDY# to assert Wait-States
Figure 66. PCI to Add-On Passive Burst Read Access
ADCLK
PT AT N#
PT BURST #
PT NUM[1:0]
PT WR
PT BE[3:0]
SELECT #
0
1
2
3
4
ADR[6:2]
BE[3:0]#
RD#
DQ[31:0]
PT ADR#
ADDR
PT RDY#
5
6
7
8
9
10
11
12
13
D1
DAT A 5
DAT A 3
DAT A 4
0h
D2
D3
D4
D5
0h
2Ch
Fh
DAT A 2
DAT A1
ADCLK
PT AT N#
PT BURST #
PT NUM[1:0]
PT WR
PT BE[3:0]
SELECT #
0
1
2
3
4
ADR[6:2]
BE[3:0]#
WR#
DQ[31:0]
PT RDY#
PT ADDR
PT ADR#
5
6
7
8
D1
D2
D3
D4
DAT A2
DAT A3
DAT A4
1h
2Ch
0h
DAT A1
Fh
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com