Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 117 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 117 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 113Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 114Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 115Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 116Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 117Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 118Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 119Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 120Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 121Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
117
Data Sheet
address phase followed by a single data phase. If the
S5320 determines that the address is within one of its
defined Pass-Thru regions, it indicates to the Add-On
a write to the Pass-Thru Data Register (APTD) is
required.
Figure 63 shows a Passive Mode single cycle Pass-
Thru read access (Add-On write) using PTADR#. The
Add-On reads data from a source on the Add-On and
writes it to the APTD register.
Figure 63. PCI To Add-On Passive Read
Clock 0:
The address is recognized as a PCI read of
Pass-Thru region 2. The PCI bus read address is
stored in the Pass-Thru Address Register. Add-On bus
signals PTATN#, PTBURST#, PTNUM[1:0], PTWR
and PTBE[3:0] will update on the next rising edge of
ADCLK.
Clock 1:
Pass-Thru signals PTATN#, PTBURST#,
PTNUM[1:0], PTWR and PTBE[3:0] are driven to indi-
cate what action is required by Add-On logic. These
status signals are valid only when PTATN# is active.
Add-On logic can decode status signals upon the
assertion of PTATN#.
PTATN# Asserted. Indicates a Pass-Thru access is
pending.
PTBURST# Deasserted. The access has a single data
phase.
PTNUM[1:0] 2h. Indicates the access is to Pass-Thru
region 2.
PTWR Deasserted. The Pass-Thru access is a read.
PTBE[3:0]# 0h. Indicates the Pass-Thru access has all
bytes valid.
Clock 2:
The PTADR# input is asserted to read the
Pass-Thru Address Register. The address can be
latched on the next rising-edge of ADCLK.
Clock 3:
This turn-around cycle is required to avoid
contention on the DQ bus. Time must be allowed after
PTADR# is deasserted for the DQ outputs to float
before add-on logic attempts to write to the Pass-Thru
Read FIFO.
Clock 4:
WR#, SELECT#, BE[3:0]#, and ADR[6:2] are
asserted to write to the Pass-Thru Read FIFO at
address 2Ch. The Add-On logic drives the DQ bus
with the requested data. PTRDY# is also asserted,
indicating that the Add-On is finished with the transfer.
Clock 5:
The data on the DQ bus is latched into the
Pass-Thru Read FIFO. As the S5320 samples
PTRDY# asserted, PTATN# is deasserted and the
Pass-Thru access is complete. PTBE[3:0] will update
one clock after WR# is asserted to indicate which
bytes have not yet been read. If add-on logic requires
more time to provide data (slower memory or peripher-
als), PTRDY# can be delayed, extending the cycle.
Clock 6:
As PTATN# is deasserted, the Pass-Thru
access is complete, and the S5320 can accept new
Pass-Thru accesses starting on the next clock. The
other Pass-Thru signals can also change (in anticipa-
tion of a new transfer).
PCI to Pass-Thru Burst Writes
A PCI to Pass-Thru burst write operation occurs when
a PCI initiator writes multiple values to a Pass-Thru
region. A PCI burst cycle consists of an address phase
followed by multiple data phases. If the S5320 deter-
mines that the requested address is within one of its
defined Pass-Thru regions, the initial PCI address is
stored into the Pass-Thru Address Register (APTA).
The data from each data-cycle is individually latched
into the Pass-Thru Data register (APTD) or Pass-Thru
Write FIFO.
ADCLK
PT AT N#
PT BURST #
PT NUM[1:0]
PTWR
PT BE[3:0]
SELECT #
0
1
2
3
4
ADR[6:2]
BE[3:0]#
WR#
DQ[31:0]
PT RDY#
2Ch
DATA
ADDR
PT ADR#
5
0h
0h
Fh
2h
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com