Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 123 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 123 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 119Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 120Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 121Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 122Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 127Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
123
Data Sheet
Clock 3:
The Add-On logic will latch the Pass-Thru
address on the rising edge of this clock. This cycle is
also required to avoid contention on the DQ bus. Time
must be allowed after PTADR# is deasserted for the
DQ outputs to float before Add-On logic attempts to
write to the Pass-Thru Read FIFO.
Clock 4:
The BE[3:0]#, ADR[6:2], and SELECT#
inputs are asserted. WR# and DQ are asserted, indi-
cating that DATA1 is to be written to the PT Read FIFO
on the next clock. PTRDY# is asserted, to indicate the
completion of the current data phase.
Clock 5:
As the S5320 samples WR# asserted, it
writes DATA1 into the PT Read FIFO. PTRDY# is sam-
pled asserted, which completes the first data transfer
and updates the internal FIFO pointers. The PTBE#
outputs are updated to indicate which bytes are valid
for the second transfer. The Add-On logic samples
PTBURST# asserted, so it knows more data is being
requested. The Add-On keeps WR# asserted, and
drives DATA2 onto the DQ bus. PTRDY# is also
asserted to complete the current data phase.
Clock 6:
As the S5320 samples WR# asserted, it
writes DATA2 into the PT Read FIFO. PTRDY# is sam-
pled asserted, which completes the second data
transfer and updates the internal FIFO pointers. The
PTBE# outputs are updated to indicate which bytes
are valid for the third transfer. The Add-On logic sam-
ples PTBURST# asserted, so it knows more data is
being requested. The Add-On keeps WR# asserted,
and drives DATA3 onto the DQ bus. PTRDY# is also
asserted to complete the current data phase.
Clock 7:
As the S5320 samples WR# asserted, it
writes DATA3 into the PT Read FIFO. PTRDY# is sam-
pled asserted, which completes the third data transfer
and updates the internal FIFO pointers. The PTBE#
outputs are updated to indicate which bytes are valid
for the last transfer. The S5320 deasserts PTBURST#,
indicating that the previous read was the second to
last. The next transfer from the Add-On bus will be the
last. The Add-On logic samples PTBURST# asserted,
so it knows more data is being requested. The Add-On
keeps WR# asserted, and drives DATA4 onto the DQ
bus. PTRDY# is also asserted to complete the current
data phase.
Clock 8:
As the S5320 samples WR# asserted, it
writes DATA4 into the PT Read FIFO. PTRDY# is sam-
pled asserted, which completes the final data transfer
and updates the internal FIFO pointers. The S5320
deasserts PTATN#, indicating that the final transfer
was performed. No more data is being requested from
PCI. The Add-On logic samples PTBURST# deas-
serted, so it knows that the previous data transfer was
the last, and no more data is being requested. The
Add-On deasserts WR#, ADR[6:2], SELECT#,
BE[3:0]# and DQ. It also deasserts PTRDY#. Note that
in a synchronous design, the Add-On logic does not
require PTATN# in order to terminate a Pass-Thru
read operation, PTBURST# is used for this.
Clock 9:
As PTATN# and PTBURST# are deasserted,
the Pass-Thru access is complete, and the S5320 can
accept new Pass-Thru accesses starting on the next
clock. The other Pass-Thru signals can also change
state (in anticipation of a new transfer).
NOTE:
With prefetch disabled, the performance of
Pass-Thru burst reads will be less than optimal.
Because of certain issues involving synchronizing sig-
nals across clock boundaries (ADCLK -> PCLK),
Pass-Thru burst reads will occur only in double and
single accesses. For example, a Pass-Thru burst read
of five data phases would translate to a burst-read of
two DWORDs, another burst-read of two DWORDs
followed by a single burst-read with PTATN# being
deasserted between each burst packet, losing poten-
tially valuable clock cycles. It is recommended to
enable prefetch if maximum performance is desired.
Figure 67 also shows a Passive Mode Pass-Thru burst
read, but the Add-On logic uses PTRDY# to control
the rate at which data is transferred. In many applica-
tions, Add-On logic is not fast enough to provide data
every ADCLK. In this example, the Add-On interface
writes data every other clock cycle.
Using PTRDY# to assert Wait-States
Clock 0: PCI address information is stored in the Pass-
Thru Address Register. The address is recognized as
a PCI read of Pass-Thru region 1. Add-On bus signals
PTATN#, PTBURST#, PTNUM[1:0], PTWR and
PTBE[3:0] will update on the next rising edge of
ADCLK.
Clock 1:
Pass-Thru signals PTATN#, PTBURST#,
PTNUM[1:0], PTWR and PTBE[3:0] are driven to indi-
cate what action is required by Add-On logic. These
status signals are valid only when PTATN# is active.
Add-On logic can decode status signals upon the
assertion of PTATN#.
PTATN# Asserted. Indicates Pass-Thru access is
pending.
PTBURST# Asserted. The access has multiple data
phases.
PTNUM[1:0] 0h.Indicates. the access is to Pass-Thru
region 0.
PTWR Deasserted. Indicates the access is a read.
PTBE[3:0]# D1. Indicates valid bytes for the first data
transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com