Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 126 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 126 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 122Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 130Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
126
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Clock 0:
The address is recognized as a PCI write to
Pass-Thru region 0. The PCI bus write address is
stored in the Pass-Thru Address Register. The PCI
bus write data is stored in the S5320 write FIFO. Add-
On bus signals PTATN#, PTBURST#, PTNUM[1:0],
PTWR and PTBE[3:0] will update on the next ADCLK.
Clock 1:
Pass-Thru signals PTATN#, PTBURST#,
PTNUM[1:0], PTWR and PTBE[3:0] are driven to indi-
cate what action is required by Add-On logic. These
status signals are valid only when PTATN# is active.
Add-On logic can decode status signals upon the
assertion of PTATN#.
PTATN# Asserted. Indicates Pass-Thru access is
pending.
PTBURST# Asserted. The access has multiple data
phases.
PTNUM[1:0] 0h. Indicates the access is to Pass-Thru
region 0.
PTWR Asserted. Indicates the access is a write.
PTBE[3:0]# 0h. Indicates valid bytes for the first data
transfer.
Clock 2:
The Add-On sees that a burst-write is being
requested by the PCI, so starts by reading the corre-
sponding address via PTADR#. Note that all 32 bits of
the APTA are output on the DQ bus when PTADR# is
asserted. The Add-On must be capable of latching the
upper 24 bits (if needed). The Add-On begins reading
the APTD Register (asserting SELECT#, ADR[6:2],
and RD#). The Add-On logic sees that all bytes are
valid (PTBE# = 0h), so starts the read by asserting
BE0#, to indicate that BYTE0 of the APTD is to be
driven on DQ[7:0] during the next clock cycle.
Clock 3:
The Add-On logic latches the Pass-Thru
address. RD# and BE0# are sampled by the S5320,
so BYTE0 of the APTD is driven on DQ[7:0] and
PTBE0# is deasserted. The Add-On asserts RD# and
BE1#, thus requesting that BYTE1 of the APTD be
driven on the DQ bus during the next cycle.
Clock 4:
The Add-On logic latches BYTE0. RD# and
BE1# are sampled asserted by the S5320, so BYTE1
of the APTD is driven on DQ[7:0] and PTBE1# is deas-
serted. The Add-On device asserts RD# and BE2#,
thus requesting that BYTE2 of the APTD be driven on
the DQ bus during the next cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com