Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 128 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 128 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 132Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
128
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
S5320, so BYTE0 of the APTD is driven on DQ[7:0].
PTRDY# is sampled asserted, so the previous transfer
is complete. The PTBE# signals are updated to indi-
cate which bytes are valid for the next transfer (in this
case, there is no more valid data to transfer, so PTBE
= Fh). The S5320 deasserts PTATN#, as it has no data
left to transfer. The Add-On device deasserts RD#,
BE#, ADR[6:2], SELECT# as the data transfer is
complete.
Clock 11:
The Add-On logic latches BYTE0 of the
second DWORD. PTATN# and PTBURST# both deas-
serte d indicate that th e Pass-T hru transfer is
complete. The PCI can start another access on the
next clock cycle. For 16-bit peripheral devices, the
byte steering works in the same way. Because the
Add-On data bus is 16 bits wide, only two 16-bit cycles
are required to access the entire APTD Register. Two
byte enables can be asserted during each access.
Figure 69 shows a Pass-Thru read operation for a
region defined for a 16-bit Add-On bus interface. As
the 16-bit device is connected only to DQ[15:0], the
device must access the APTD one word at a time. The
Add-On must be capable of latching the upper 16 bits
of the APTA (if they are needed).
The PCI initiator has requested a 32-bit burst read
from Pass-Thru region three. All PTBE#s are asserted.
Clock 1:
The Add-On begins by reading the APTA
register (asserting PTADR#). All 32 bits of the address
are driven on the DQ bus.
Clock 2:
Turn-around cycle, preventing potential bus
contention on the DQ bus.
Clock 3:
The Add-On initiates the write by asserting
WR#, SELECT#, BE[3:0]# = “1100”, ADR[6:2] = 2Ch
and the low word of the first DWORD to be transferred
(D0-LO).
Clock 4:
The S5320 updates the PTBE#s to indicate
that the low word was provided, and that the upper
word is still required. The Add-On drives the upper
word (D0-HI), and activates the appropriate byte
enables, BE# = 0011 The Add-On also asserts
PTRDY#, indicating that it is done with the current
DWORD, and to advance the FIFO pointer and pre-
pare for the second DWORD.
Clock 5:
The PTBE#s are updated to indicate that the
next DWORD to be transferred requires all bytes. The
Add-On drives DQ[15:0] with the lower word of the
second DWORD (D1-LO), and the byte-enables indi-
cate the same, BE# = 1100. The Add- On also
deasserts PTRDY#. This process continues until the
transfer is complete and all words have been written.
Endian Conversion
Endian conversion can be enabled/disabled for each
Pass-Thru Region. It is controlled by bits 6, 14, 22 and
30 of the PTCR. The default endian type for the S5320
is Little Endian. For this reason, the default values in
the PTCR are for Little Endian. If Big Endian is
selected, the Pass-Thru data and byte-enable inter-
face will be converted to Big Endian type.
When the device is programmed for Big Endian trans-
lation and a 32-bit data bus, the S5320 will convert as
described in Table 45.
Active mode is provided to simplify logic requirements
when interfacing an application to the Add-On Local
bus. Passive mode requires Add-On logic to assert
read/write signals and drive or latch data on the DQ
bus.
Strapping PTMODE low configures the S5320 for
Active mode operation. Active mode allows more
designer flexibility through programmable features.
The following is a brief description of these features.
•
Pass-Thru address can be driven automatically
at the beginning of all transfers or can be
skipped altogether if addresses are unneeded
by Add-On logic.
•
Programmed or Add-On controlled wait states
to delay data transfers automatically or on the
fly.
•
Endian Conversion
•
Write FIFO ( Write posting )
•
Read FIFO ( Prefetch )
Active Operation
In Active mode, a data transfer start is signaled on the
first clock edge in which PTATN# is sampled low. If
PTADR# has been programmed to be output it will go
active (low) at this time, and the data presented on the
DQ bus is the address for the current transaction. Add-
On logic may latch the address value at the rising
edge of the clock. Address cycles do not count toward
the number of wait states needed to complete data
phases. In Active mode, the PTRDY# pin is renamed
to PTWAIT#. On cycles after PTWAIT# is sampled low,
the state machine is idle. Idle cycles are also not
counted as wait states by the S5320. To control the
number of wait states on an as-needed basis only,
zero wait states should be programmed and PTWAIT#
can be driven low when wait states are to be inserted.
If PTWAIT# is low when PTATN# is asserted by the
S5320, the pending transfer cycle won’t be started
until PTWAIT# is driven high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com