Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 132 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 132 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 134Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 136Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
132
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
DXFR#
DXFR# is a signal that is active during the cycles that
a data transfer may take place. It is intended to be
used to control strobes (e.g., write enable, read
enable), and can be a flag for incrementing to the next
address during a burst.
If wait states have been programmed, DXFR# will not
go active until after all wait states have been executed.
Note that asserting PTWAIT# to insert Add-On initi-
ated wait states causes temporary suspension of the
internal programmed wait state counter.
Active Mode Figures and Descriptions
Figure 73 shows a programmed zero wait state trans-
fer in which the cycle start and the cycle completion
are delayed by an external device controlling
PTWAIT#.
Clock 1:
The S5320 drives PTATN# active (low), indi-
cating the start of a PCI to Add-On data transfer.
PTBE[3:0] and PTNUM[1:0] are driven to their appro-
priate values for this transfer. PTWR is driven high
indicating a PCI write.
Clock 2:
This is a wait state since PTWAIT# was
active (low) at the rising edge of clock 2.
Clock 3:
PTWAIT# was inactive (high) at the rising
edge of clock 3 so this cycle is the address phase:
PTADR# is driven active (low) and the address value
for the current transaction is driven onto the DQ bus.
Clock 4:
PTADR# was active (low) at the rising edge
of this clock so the Add-On device must latch the PCI
address on the rising edge of this clock. The S5320
treats this cycle as a wait state since PTWAIT# was
active (low) at the rising edge of clock 4.
Clock 5:
This is a wait state since PTWAIT# was
active (low) at the rising edge of clock 5.
Clock 6:
PTWAIT# was inactive (high) at the rising
edge of clock 6, so DXFR# is driven active (low) indi-
cating a data transfer. PTATN# is driven inactive (high)
indicating the Pass-Thru access is complete.
Clock 7:
DXFR# was active (low) at the rising edge of
this clock so the Add-On device must latch the PCI
data on the rising edge of this clock. PTBE# is driven
to Fh indicating all 4 bytes have been accessed.
PTNUM and PTWR may change state since the Pass-
Thru access is complete.
Clock 8:
PTBE# may change state.
Figure 74 shows a single data phase 32-bit Active
mode PCI Write with PTADR# enabled.
Active mode Burst cycles
PTBURST# signifies to the Add-On device that the
current transfer will be contain more than one data
phase. The Add-On device detects the end of a burst
when the S5320 deasserts PTBURST#. During an
Active mode PCI burst read, PTBURST# is deasserted
when there is one more data word left to transfer. Dur-
ing an Active mode PCI burst write, PTBURST#
deasserted indicates that after the current data word is
transferred, there will be one data word left to transfer.
Figure 75 shows an Active mode PCI Burst Write with
0 programmed wait states. The Add-On device con-
trolling PTWAIT# asserts wait states in the figure on an
as-needed basis. PTADR# has been programmed to
be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com