Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 134 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 134 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 134Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 136Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 137Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 138Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
134
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Clock 9:
DXFR# is sampled active (low) by the Add-
On device which indicates that the Add-On device
must latch the fourth data word at the rising edge of
this clock. PTATN# is driven inactive (high) indicating
that this will be the last data phase.
Clock 10:
DXFR# is sampled active (low) by the Add-
On device which indicates that the Add-On device
must latch the fifth data word at the rising edge of this
clock.
DXFR# is deasserted since the access is complete.
PTBE# is driven to Fh indicating all 4 bytes have been
accessed. PTNUM and PTWR may change state
since the access is complete.
Clock 11:
PTBE# may change state.
Figure 76 shows a Pass-Thru Burst Write data transfer
in which the S5320 has been programmed to strobe
data using a one-wait state delay. The Add-On device
leaves PTWAIT# inactive (high) for all time.
Clock by Clock description of Figure 76
Clock 1: The S5320 drives PTATN# and PTBURST#
active (low) indicating the start of a PCI to Add-On
data transfer with more than one data cycle. PTBE[3:0]
and PTNUM[1:0] are driven to their appropriate values
for this transfer. PTWR is driven high indicating a
Pass-Thru write.
Figure 76. Active Mode PCI Write Showing a One Wait State Programmed Delay
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
DXFR#
DQ[31:0]
PTADR#
PTWAIT#
1h
PTADDR
Data1
Data2
Data3
Data4
Fh
DATA1
DATA2
DATA3
DATA4
0
1
5
6
10
11
12
13
2
34
78
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com