Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 135 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 135 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 134Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 136Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 137Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 138Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 139Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
135
Data Sheet
Figure 77. 16-Bit Active Mode PCI Read w/ Programmed Wait States
Clock 2:
Since this region does have PTADR#
enabled as an output, it is driven active (low) and the
PCI address for the current transaction is presented
on the DQ[31:0] bus.
Clock 3:
The Add-On device must latch the PCI
address at the rising edge of this clock.
Clock 4:
DXFR# is asserted low indicating that data
will be transferred on the next rising clock edge (clock
5). Data1 is driven onto the DQ[31:0] bus.
Clock 5:
The Add-On device must latch the first data
word at the rising edge of this clock. Valid data is
determined by decoding the PTBE[3:0]# lines.
Clock 6:
DXFR# is asserted indicating that data will be
transferred on the next rising clock edge (clock 7).
DATA2 is driven onto the DQ[31:0] bus.
Clock 7:
The Add-On side device latches the second
data word (DATA2) at the rising edge of this clock.
Clock 8:
DXFR# is asserted indicating that data will be
transferred on the next rising clock edge (clock 9).
DATA3 is driven onto the DQ[31:0] bus. PTBURST# is
driven inactive indicating that after this data word is
transferred, there is only one data word left to transfer.
Clock 9:
The Add-On side device latches the third
data word (DATA3) at this clock edge.
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
DXFR#
DQ[15:0]
PTADR#
PTWAIT#
1h
PTADDR
Ch
3h
Fh
HIGH
LOW
0
1
5
6
10
11
12
13
2
34
78
914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com