Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 137 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 137 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 134Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 136Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 137Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 138Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 139Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 140Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 141Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
137
Data Sheet
Figure 79. Active Mode PCI Read
Figure 79 shows a Pass-Thru read cycle with 0 wait
states for a 16-bit region. The PTBE[3:0]# signals are
used by the Add-On device to determine validity of the
current word cycle and also, which word of a long word
is currently being driven by the S5320. PTBE[3:0]#
encoding of Ch indicates the least significant 16-bit
portion of the 32-bit PCI data word is on the DQ[15:0]
bus. PTBE[3:0]# encoding of 3h indicates the most
significant 16-bit portion of the 32-bit PCI data word is
on the DQ[15:0] bus. PTADR# is shown as disabled in
Figure 79.
Figure 80 shows a Pass-Thru write cycle with 0 wait
states for a 16-bit region. PTADR# is disabled.
If the Add-On bus size is 8 bits, then the S5320 will
assert DXFR# 4 times for each 32-bit PCI word The
first completion is for byte 0, the second is for byte 1,
the third is for byte 3, and the fourth DXFR# assertion
is for byte 4 of a 32-bit word. If the current PCI access
has less than four bytes valid (PCI BE[3:0]# encoding
is not 0h), then the S5320 will still assert a 4-cycle
completion but one or more of them will not contain
valid data (PTBE[3:0]# = Fh).
As in Passive mode, in Active mode, the word read/
write order is determined by the Endian conversion
programmed into the S5320.
Figure 80. Active Mode PCI Write
Figure 81 shows a Pass-Thru write cycle with 0 wait
states for an 8-bit region. The PTBE[3:0]# signals are
used by the Add-On device to determine validity of the
current byte cycle and also, which byte of a long word
is currently being driven by the S5320. PTADR# is
enabled as an output.
CONFIGURATION
The S5320 Pass-Thru interface utilizes four Base
Address Registers (BADR1:4). Each Base Address
Register corresponds to a Pass-Thru region. The con-
tents of these registers during initialization determine
the characteristics of that particular Pass-Thru region.
Each region can be mapped to memory or I/O space.
Memory mapped devices can, optionally, be mapped
below 1 Mbyte and can be identified as prefetchable.
Both memory and I/O regions can be configured as 8,
16 or 32 bits wide.
Base Address Registers are loaded during initializa-
tion from the external non-volatile boot device. Without
an external boot device, the default value for the
BADR registers is zero (region disabled). The Base
Address Registers are the only registers that define
Pass-Thru operation. Consequently, the Pass-Thru
interface cannot be used without an external non-vola-
tile boot device.
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
1h
DXFR#
DQ[15:0]
PTWAIT#
Ch
LOW
HIGH
PTADR#
3h
Fh
16
234
5
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
1h
DXFR#
DQ[15:0]
PTWAIT#
Ch
LOW
HIGH
PTADR#
3h
Fh
16
23
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com