Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 139 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 139 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 136Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 137Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 138Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 139Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 140Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 141Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 142Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 143Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
139
Data Sheet
After the host reads all Base Address Registers in the
system (as every PCI device implements from one to
six), the PCI BIOS allocates memory and I/O space to
each Base Address region. The host then writes the
start address of each region back into the Base
Address Registers. The start address of a region is
always an integer multiple of the region size. For
example, a 64-Kbyte memory region is always
mapped to begin on a 64K boundary in memory. It is
important to note that no PCI device can be absolutely
located in system memory or I/O space. All mapping is
determined by the system, not the application.
PCI or Add-On Operation registers PTCR or APTCR
provide additional configuration control for each
region.
Accessing a Pass-Thru Region
After the system is finished defining all Base Address
Regions within a system, each Base Address Register
contains a physical address. The application software
must now find the location in memory or I/O space of
its hardware. PCI systems provide BIOS or operating
system function calls for application software to find
particular devices on the PCI bus based on Vendor ID
and Device ID values. This allows application software
to access the device’s Configuration Registers.
The Base Address Register values in the S5320’s
Configuration Space may then be read and stored for
use by the program to access application hardware.
The value in the Base Address Registers is the physi-
cal address of the first location of that Pass-Thru
region. Some processor architectures allow this
address to be used directly to access the PCI device.
For Intel Architecture systems, the physical address
must be changed into a Segment/Offset combination.
For Real Mode operation in an Intel Architecture sys-
tem (device mapped below 1 Mbyte in memory),
creating a Segment/Offset pair is relatively simple. To
calculate a physical address, the CPU shifts the seg-
ment register 4 bits to the left and adds the offset
(resulting in a 20 bit physical address). The value in
the Base Address Register must be read and shifted 4
bits to the right. This is the segment value and should
be stored in one of the Segment registers. An offset of
zero (stored in SI, DI or another offset register)
accesses the first location in the Pass-Thru region.
Special Programming Features
A few additional features have been provided to the
user which will allow for optimal “tuning” of their sys-
tem. As these are not features that will be changed “on
the fly”, they have been included as part of the nvRAM
boot-up sequence. nvRAM address 45h is a memory
location in the external nvRAM which will contain
these custom programmed bits. These features, and
their corresponding bit at location 45h, are described
as follows:
Target Latency describes the number of cycles that a
target device may respond to a PCI data transfer
request. The PCI 2.1 specification indicates that the
target device has 16 clocks to respond to an initial
request (from the assertion of FRAME#), and 8 clocks
from each subsequent data phase. If the target is not
capable of asserting TRDY# within these time frames,
it must assert a STOP#, thus initiating a disconnect.
The Target Latency programmed bit allows the user to
disable the generation of disconnects in the event of a
slow Add-On device.
If Target Latency Enb is low, target latency is ignored.
In this case, the S5320 will never issue a retry/discon-
nect in the event of a slow add-on device. Instead,
TRDY# wait states will be asserted. This might be use-
ful for an embedded system, where the S5320 can
take up as many clock cycles as necessary to com-
plete a transfer. This programmable bit is only
provided for flexibility and most users should leave this
bit set to 1. If Target Latency Enb is high, the device
will be PCI 2.1 compliant with respect to Target
Latency.
Retry Flush Enb indicates to the Pass-Thru whether to
hold prefetched data following a disconnect, or to
allow the data to be flushed out during the next PCI
read access. If low, the data will be held in the PT read
FIFO until the initiator comes back to read it out. All
subsequent PCI accesses to the S5320 from a device
other than the one who initiated the read will be
acknowledged with a retry. If the master never returns
for the data, the Pass-Thru function will be hung. Even
though the PCI 2.1 Specification does not require a
master to return for data following a disconnect, it is
unlikely that a master will terminate a read transfer
until all data has been collected.
If Retry Flush Enb is high, the data will be flushed from
the FIFO if a subsequent PCI read access is not to the
same address. If the original master received a retry
LOC_45(h)
Descripton
Default
b = 0
Target Latency Enb
1
b = 1
Retry Flush Enb
0
b = 2
Write FIFO Mode
0
b = (7:3)
Reserved
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com