Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 143 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 143 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 139Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 140Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 141Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 142Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 143Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 144Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 147Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
143
Data Sheet
PCI Signal DC Characteristics
The following table summarizes the DC characteristic parameters for all PCI signals listed below as they apply to
the S5320.
AD[31:0] (t/s), PAR (t/s), C/BE[3:0]# (in), FRAME# (in), IRDY# (in), TRDY# (s/t/s), STOP# (s/t/s), LOCK# (in),
IDSEL (in), DEVSEL# (s/t/s), PERR# (s/t/s), SERR# (o/d), INTA# (o/d), RST# (in), CLK (in).
Notes:
1. Recommended values for all PCI signals except CLK to be VIH = 2.4 V Min and VIL = 0.4 V Max.
2. Input leakage applies to all inputs and bi-directional buffers.
3. PCI bus signals without pull-up resistors will provide the 3 mA output current. Signals which require a pull-up resistor will provide 6 mA output
current.
4. The PCI specification limits all PCI inputs not located on the motherboard to 10 pF (the clock is allowed to be 12 pF).
Table 3. PCI Signal DC Characteristics (VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs)
Symbol
Parameter
Min
Max
Units
Test Conditions
Notes
VIH
Input High Voltage
2.0
-
V1
VIL
Input Low Voltage
-0.8
V
1
IIL
Input Leakage Current
-
±10
µA
2
VOH
Output High Voltage
2.4
-
V
IOUT = -500 µA
VOL
Output Low Voltage
-0.4
V
IOUT = 1500 µA
3
CIN
Input Pin Capacitance
-10
pF
4
CCLK
CLK Pin Capacitance
512
pF
CIDSEL
IDSEL Pin Capacitance
-8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com