Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 145 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 145 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 141Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 142Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 143Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 144Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 148Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 149Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
145
Data Sheet
TIMING SPECIFICATION
PCI Clock Specification
Table 5 summarizes the A.C. characteristics for the PCI bus signals as they apply to the S5320. The figures after
Table 5 visually indicate the timing relationships.
Notes:
1. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate is met across the minimum peak-to-peak portion
of the clock waveform as shown in Figure 1.
2. Minimum times are evaluated with 0 pF equivalent load; maximum times are evaluated with 50 pF equivalent load.
3. For purposes of Active/Float timing measurements, the Hi-Z or "off" state is defined to be when the total current delivered through the com-
ponent pin is less than or equal to the leakage current specification.
4. See the timing measurement conditions in Figure 3.
Figure 1. PCI Clock Timing
Table 5. Functional Operation Range
(VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs for MAX, 0 pF load for MIN)
Symbol
Parameter
Min
Max
Units
Notes
Tcyc
Clock Time
30
-
ns
t1
CLK High Time
11
-
ns
t2
CLK Low Time
11
-
ns
t3
Rise Time (0.2
VCC to 0.6VCC load)
14
V/ns
1
t4
Fall Time (0.6
VCC to 0.2VCC load)
14
V/ns
1
t5
CLK to Signal Valid Delay (Bused Signals)
CLK to Signal Valid Delay (Point-to-Point Signals)
2
2
11
12
ns
1,2
t6
Float to Active Delay
2-
ns
3
t7
Active to Float Delay
-28
ns
3
t8
Rising Edge Setup
7-
ns
4
t9
Hold from PCI Clock Rising Edge
0-
ns
4
t
1
0.6V
CC
0.2V
CC
t
2
t
4
0.6V
CC
0.2V
CC
TCL
V
IH2
t
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com