Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 148 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 148 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 144Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 148Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 149Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 150Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 151Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 152Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
148
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Notes:
1. Refers to Pass-Thru Passive mode only.
2. Refers to Pass-Thru Active and Passive modes.
t34
BE[3:0]# Setup to ADCLK Rising Edge
8.3
-
ns
t35
BE[3:0]# Hold from ADCLK Rising Edge
1-
ns
t36
RD# Setup to ADCLK Rising Edge
6.7
-
ns
t37
RD# Hold from ADCLK Rising Edge
1-
ns
t38
DQ[31:0] Output Valid from ADCLK Rising Edge
-16
ns
2
t39
DQ[31:0] Output Hold from ADCLK Rising Edge
3-
ns
2
t40
DQ[31:0] Output Float from ADCLK Rising Edge
-15.6
ns
2
t41
WR# Setup to ADCLK Rising Edge
-7.4
ns
t42
WR# Hold from ADCLK Rising Edge
1-
ns
t43
DQ[31:0] Input Setup to ADCLK Rising Edge
5.4
-
ns
2
t44
DQ[31:0] Input Hold from ADCLK Rising Edge
1-
ns
2
Table 6. Add-On Timings, Functional Operation Range
(VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs for MAX, 0 pF load for MIN) (Continued)
Symbol
Parameter
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com