Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 150 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 150 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 148Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 149Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 150Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 151Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 152Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 153Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 154Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
150
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Figure 7. Passive Mode Pass-Thru Operation
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
SELECT#
PTRDY#
t
18
t
19
t
21
Valid Out
t
22
t
20
t
23
Valid Out
t
24
t
25
t
26
t
27
Valid Out
t
28
t
29
t
30
t
31
ADR[6:2]
t
32
t
33
BE[3:0]
t
34
t
35
RD#
t
36
t
37
Valid Out
DQ[31:0]
t
38
t
39
t
40
WR#
t
41
t
42
DQ[31:0]
t
43
t
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com