Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 149 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 149 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 148Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 149Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 150Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 151Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 152Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 153Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
149
Data Sheet
Figure 4. Add-On Clock Timing
Figure 5. Pass-Thru Clock Relationship to PCI Clock
Figure 6. PTADR Timing
0.6V
CC
t
10
0.2V
CC
t
11
t
12
t
13
0.6V
CC
0.2V
CC
TACL
VIH
2
t
14
PCI CLK
BPCLK
t
15
t
16
PTADR#
DQ[31:0]
t
17a
ADDRESS
t
17b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com